Electronic Components Datasheet Search
  English  ▼

X  

MP8869GL Datasheet(PDF) 29 Page - Monolithic Power Systems

Part # MP8869GL
Description  17V, 12A, High-Efficiency, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8869GL Datasheet(HTML) 29 Page - Monolithic Power Systems

Back Button MP8869GL Datasheet HTML 25Page - Monolithic Power Systems MP8869GL Datasheet HTML 26Page - Monolithic Power Systems MP8869GL Datasheet HTML 27Page - Monolithic Power Systems MP8869GL Datasheet HTML 28Page - Monolithic Power Systems MP8869GL Datasheet HTML 29Page - Monolithic Power Systems MP8869GL Datasheet HTML 30Page - Monolithic Power Systems MP8869GL Datasheet HTML 31Page - Monolithic Power Systems MP8869GL Datasheet HTML 32Page - Monolithic Power Systems MP8869GL Datasheet HTML 33Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
MP8869
– 17V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
PRELIMINARY SPECIFICATIONS SUBJECT TO CHANGE
MP8869 Rev.1.0
www.MonolithicPower.com
29
6/8/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
6) Reg05 ID1
Register 05 is the IC information indicating register.
The highest four bits, Vendor ID D[7:4], are set to
1000 internally.
The lowest four bits, IC Reversion ID D[3:0],
indicates IC revision information.
NAME
BITS
DESCRIPTION
Vendor ID
D[7:4]
1000.
IC revision ID
D[3:0]
IC revision.
7) Reg06 Status
Register 06 is a fault condition-indicating register.
The highest four bits, D[7:4], are reserved for future
use.
The bit OC is the output over-current indication.
When the bit is set to 1, the IC is in hiccup mode or
OC latch-off.
The bit OTEW is the die temperature early warning
indication. When the bit is set to 1, the IC die
temperature is higher than 120°C.
The bit PG is the output power good indication.
When the bit is set to 1, the output power is normal.
NAME
BITS
DESCRIPTION
Reserved
D[7:4]
Reserved for future use.
OC
D[3]
Output over-current indication. When this bit is high, the IC is in hiccup mode or trips
OC latch-off.
OTEW
D[2]
Die temperature early warning bit. When the bit is high, the die temperature is higher
than 120˚C.
OT
D[1]
Over-temperature indication. When the bit is high, the IC is in thermal shutdown.
PG
D[0]
Output power good indication. When the bit is high, the VOUT power is normal. This
means VOUT is higher than 95% and lower than 115% of the designed regulation
voltage. PG compares FB/VOUT with REF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com