Electronic Components Datasheet Search
  English  ▼

X  

MP8869GL Datasheet(PDF) 24 Page - Monolithic Power Systems

Part # MP8869GL
Description  17V, 12A, High-Efficiency, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8869GL Datasheet(HTML) 24 Page - Monolithic Power Systems

Back Button MP8869GL Datasheet HTML 20Page - Monolithic Power Systems MP8869GL Datasheet HTML 21Page - Monolithic Power Systems MP8869GL Datasheet HTML 22Page - Monolithic Power Systems MP8869GL Datasheet HTML 23Page - Monolithic Power Systems MP8869GL Datasheet HTML 24Page - Monolithic Power Systems MP8869GL Datasheet HTML 25Page - Monolithic Power Systems MP8869GL Datasheet HTML 26Page - Monolithic Power Systems MP8869GL Datasheet HTML 27Page - Monolithic Power Systems MP8869GL Datasheet HTML 28Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
MP8869
– 17V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8869 Rev.1.0
www.MonolithicPower.com
24
6/8/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Table 3: Output Voltage Selection Chart
D[6:0]
VOUT(V)
D[6:0]
VOUT(V)
D[6:0]
VOUT(V)
D[6:0]
VOUT(V)
000 0000
0.60
010 0000
0.92
100 0000
1.24
110 0000
1.56
000 0001
0.61
010 0001
0.93
100 0001
1.25
110 0001
1.57
000 0010
0.62
010 0010
0.94
100 0010
1.26
110 0010
1.58
000 0011
0.63
010 0011
0.95
100 0011
1.27
110 0011
1.59
000 0100
0.64
010 0100
0.96
100 0100
1.28
110 0100
1.60
000 0101
0.65
010 0101
0.97
100 0101
1.29
110 0101
1.61
000 0110
0.66
010 0110
0.98
100 0110
1.30
110 0110
1.62
000 0111
0.67
010 0111
0.99
100 0111
1.31
110 0111
1.63
000 1000
0.68
010 1000
1.00
100 1000
1.32
110 1000
1.64
000 1001
0.69
010 1001
1.01
100 1001
1.33
110 1001
1.65
000 1010
0.70
010 1010
1.02
100 1010
1.34
110 1010
1.66
000 1011
0.71
010 1011
1.03
100 1011
1.35
110 1011
1.67
000 1100
0.72
010 1100
1.04
100 1100
1.36
110 1100
1.68
000 1101
0.73
010 1101
1.05
100 1101
1.37
110 1101
1.69
000 1110
0.74
010 1110
1.06
100 1110
1.38
110 1110
1.70
000 1111
0.75
010 1111
1.07
100 1111
1.39
110 1111
1.71
001 0000
0.76
011 0000
1.08
101 0000
1.40
111 0000
1.72
001 0001
0.77
011 0001
1.09
101 0001
1.41
111 0001
1.73
001 0010
0.78
011 0010
1.10
101 0010
1.42
111 0010
1.74
001 0011
0.79
011 0011
1.11
101 0011
1.43
111 0011
1.75
001 0100
0.80
011 0100
1.12
101 0100
1.44
111 0100
1.76
001 0101
0.81
011 0101
1.13
101 0101
1.45
111 0101
1.77
001 0110
0.82
011 0110
1.14
101 0110
1.46
111 0110
1.78
001 0111
0.83
011 0111
1.15
101 0111
1.47
111 0111
1.79
001 1000
0.84
011 1000
1.16
101 1000
1.48
111 1000
1.80
001 1001
0.85
011 1001
1.17
101 1001
1.49
111 1001
1.81
001 1010
0.86
011 1010
1.18
101 1010
1.50
111 1010
1.82
001 1011
0.87
011 1011
1.19
101 1011
1.51
111 1011
1.83
001 1100
0.88
011 1100
1.20
101 1100
1.52
111 1100
1.84
001 1101
0.89
011 1101
1.21
101 1101
1.53
111 1101
1.85
001 1110
0.90
011 1110
1.22
101 1110
1.54
111 1110
1.86
001 1111
0.91
011 1111
1.23
101 1111
1.55
111 1111
1.87
2) Reg01 SysCntlreg1
Register 01 is the first system control register.
The highest bit, EN, can be used to turn the
part on or off when the external EN is high.
When the external EN is high, the part shuts
down by setting the EN bit to 0, and then the
HS-FET and LS-FET stop switching. The part
resumes switching by setting the EN bit to 1
again. When the external EN is low, the
converter is off, and the I
2C shuts down.
The bit GO_BIT is only used for output
reference setting in the I
2C loop. Set GO_BIT to
1 to enable the I
2C authority of writing the
output
reference.
When
the
command
is
finished, GO_BIT auto-resets to 0 to prevent
false operation of the VOUT scaling.
The IC switches to forced PWM mode when the
GO_BIT is set to 1 to achieve a smooth output
waveform during the output dynamic scaling.
After the output scaling is complete, GO_BIT is
set to 0 automatically, and the IC operation
mode switches to the original mode set by the
Mode bit.
The 3-bit slew rate D[5:3] is used for slew rate
selection during the output voltage dynamic
scaling when the output voltage is controlled by
the I
2C loop. A proper slew rate reduces the
inrush current, as well as voltage overshoot and
undershoot. Eight different slew rate levels can
be selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com