Electronic Components Datasheet Search
  English  ▼

X  

MP9943 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP9943
Description  High Efficiency 3A Peak, 36V, Synchronous Step Down Converter With Power Good
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9943 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP9943 Datasheet HTML 11Page - Monolithic Power Systems MP9943 Datasheet HTML 12Page - Monolithic Power Systems MP9943 Datasheet HTML 13Page - Monolithic Power Systems MP9943 Datasheet HTML 14Page - Monolithic Power Systems MP9943 Datasheet HTML 15Page - Monolithic Power Systems MP9943 Datasheet HTML 16Page - Monolithic Power Systems MP9943 Datasheet HTML 17Page - Monolithic Power Systems MP9943 Datasheet HTML 18Page - Monolithic Power Systems MP9943 Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
MP9943 – 36V, 3A PEAK SYNCHRONOUS STEP-DOWN CONVERTER
MP9943 Rev.1.1
www.MonolithicPower.com
15
7/4/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider sets the output
voltage (see Typical Application on page 1).
Choose R7 around 41.2kΩ. R8 is then given by:
1
0.792V
V
R7
R8
OUT
The T-type network—as shown in Figure —is
highly recommended when VOUT is low.
R7
R8
RT
Figure 5: T-Type Network
RT+R7 is used to set the loop bandwidth.
Basically, higher RT+R7, lower bandwidth. To
ensure
the
loop
stability,
it
is
strongly
recommended to limit the bandwidth lower than
40kHz based on the 410kHz default fsw. Table 1
lists the recommended T-type resistors value for
common output voltages.
Table 1: Resistor Selection for Common Output
Voltages
(7)
VOUT (V)
R7 (kΩ)
R8 (kΩ)
RT (kΩ)
3.3
41.2 (1%)
13 (1%)
51 (1%)
5
41.2 (1%)
7.68 (1%)
51 (1%)
Notes:
7) The recommended parameters is basing on 410kHz switching
frequency, different input voltage, output inductor value and
output capacitor value may affect the select of R7, R8 and RT.
For other components’ parameters, please refer to TYPICAL
APPLICATION CIRCUITS on page 19.
Selecting the Inductor
Use a 1µH-to-10µH inductor with a DC current
rating of at least 25% percent higher than the
maximum load current for most applications. For
highest efficiency, an inductor with small DC
resistance is recommended. For most designs,
the inductance value can be derived from the
following equation.
OUT
IN
OUT
1
IN
L
OSC
V(V
V
)
L
VI
f

 
Where ∆IL is the inductor ripple current.
Choose the inductor ripple current to be
approximately 30% of the maximum load current.
The maximum inductor peak current is:
2
I
I
I
L
LOAD
)
MAX
(
L
Use a larger inductor for improved efficiency
under light-load conditions—below 100mA.
VIN UVLO Setting
MP9943 has internal fix under voltage lock out
(UVLO) threshold: rising threshold is 3.5V while
falling threshold is about 3.3V. For the application
needs higher UVLO point, external resistor
divider between EN/SYNC and IN as shown in
Figure 6 can be used to get higher equivalent
UVLO threshold.
VIN
EN/SYNC
IN
REN_UP
500k
REN_DOWN
Figure 6: Adjustable UVLO using EN/SYNC divider
The UVLO threshold can be computed from
below two equations:
EN_RISING
EN_DOWN
EN_UP
RISING
V
500k//R
R
(1
INUV
)
EN_FALLING
EN_DOWN
EN_UP
FALLING
V
500k//R
R
(1
INUV
)
Where VEN_RISING=1.4V, VEN_FALLING=1.25V.
When choose REN_UP, make sure it is big enough
to limit the current flows into EN/SYNC pin lower
than 150uA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com