Electronic Components Datasheet Search
  English  ▼

X  

MP9943 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP9943
Description  High Efficiency 3A Peak, 36V, Synchronous Step Down Converter With Power Good
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9943 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP9943 Datasheet HTML 1Page - Monolithic Power Systems MP9943 Datasheet HTML 2Page - Monolithic Power Systems MP9943 Datasheet HTML 3Page - Monolithic Power Systems MP9943 Datasheet HTML 4Page - Monolithic Power Systems MP9943 Datasheet HTML 5Page - Monolithic Power Systems MP9943 Datasheet HTML 6Page - Monolithic Power Systems MP9943 Datasheet HTML 7Page - Monolithic Power Systems MP9943 Datasheet HTML 8Page - Monolithic Power Systems MP9943 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MP9943
High Efficiency 3A Peak, 36V,
Synchronous Step Down Converter
With Power Good
MP9943 Rev.1.1
www.MonolithicPower.com
1
7/4/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP9943 is a high-frequency, synchronous,
rectified, step-down, switch-mode converter
with built-in power MOSFETs. It offers a very
compact solution to achieve a 3A peak output
current with excellent load and line regulation
over a wide input supply range. The MP9943
has synchronous mode operation for higher
efficiency over the output current load range.
Current-mode operation provides fast transient
response and eases loop stabilization.
Full protection features include over-current
protection and thermal shutdown.
The MP9943 requires a minimal number of
readily-available standard external components,
and is available in a space-saving QFN-8
(3mmx3mm) package.
FEATURES
 Wide 4V to 36V Continuous Operating Input
Range
 85mΩ/55mΩ Low RDS(ON) Internal Power
MOSFETs
 High-Efficiency Synchronous Mode Operation
 410kHz Switching Frequency
 Synchronizes from 200kHz to 2.2MHz
External Clock
 High Duty Cycle for Automotive Cold-crank
 Internal Power-Save Mode
 Internal Soft-Start
 Power Good Indicator
 Over Current Protection and Hiccup
 Thermal Shutdown
 Output Adjustable from 0.8V
 Available in an QFN-8 (3mmx3mm)
package
APPLICATIONS
 General Consumer
 Multi-Function Printers (MFP)
 Distributed Power Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP9943

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP9943A MPS-MP9943A Datasheet
751Kb / 19P
High Efficiency 3A Peak, 36V, Synchronous Step-Down Converter With Power Good
MP9943AGQ MPS-MP9943AGQ Datasheet
751Kb / 19P
High Efficiency 3A Peak, 36V, Synchronous Step-Down Converter With Power Good
MP9943GQ MPS-MP9943GQ Datasheet
272Kb / 7P
High-Efficiency, 3A Peak, 36V, 410kHz Step-Down Converter with Power Good Evaluation Board
More results

Similar Description - MP9943

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ4423A MPS-MPQ4423A Datasheet
2Mb / 20P
3A, 36V, High-Efficiency, Synchronous, Step-Down Converter AEC-Q100 Qualified
MP9943A MPS-MP9943A Datasheet
751Kb / 19P
High Efficiency 3A Peak, 36V, Synchronous Step-Down Converter With Power Good
MP4423 MPS-MP4423 Datasheet
616Kb / 18P
High Efficiency 3A, 36V, Synchronous Step Down Converter
MP4423A MPS-MP4423A Datasheet
818Kb / 20P
3A, 36V, High-Efficiency, Synchronous, Step-Down Converter
MP4423H MPS-MP4423H Datasheet
662Kb / 18P
High Efficiency 3A, 36V, Synchronous Step Down Converter
MP9442 MPS-MP9442 Datasheet
594Kb / 20P
High Efficiency 2A, 36V, 600kHz Synchronous Step-Down Converter with Power Good
MP9942 MPS-MP9942 Datasheet
735Kb / 21P
High Efficiency 2A, 36V, 410kHz Synchronous Step-Down Converter with Power Good
MP9942A MPS-MP9942A Datasheet
787Kb / 21P
High Efficiency 2A, 36V, 410kHz Synchronous Step-Down Converter with Power Good
EV2499M-QB-00A MPS-EV2499M-QB-00A Datasheet
949Kb / 7P
High Efficiency, 3A Max, 36V Synchronous, Step-Down Converter Evaluation Board
EV9943-Q-00A MPS-EV9943-Q-00A Datasheet
272Kb / 7P
High-Efficiency, 3A Peak, 36V, 410kHz Step-Down Converter with Power Good Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com