Electronic Components Datasheet Search
  English  ▼

X  

MPQ8632 Datasheet(PDF) 24 Page - Monolithic Power Systems

Part # MPQ8632
Description  High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ8632 Datasheet(HTML) 24 Page - Monolithic Power Systems

Back Button MPQ8632 Datasheet HTML 20Page - Monolithic Power Systems MPQ8632 Datasheet HTML 21Page - Monolithic Power Systems MPQ8632 Datasheet HTML 22Page - Monolithic Power Systems MPQ8632 Datasheet HTML 23Page - Monolithic Power Systems MPQ8632 Datasheet HTML 24Page - Monolithic Power Systems MPQ8632 Datasheet HTML 25Page - Monolithic Power Systems MPQ8632 Datasheet HTML 26Page - Monolithic Power Systems MPQ8632 Datasheet HTML 27Page - Monolithic Power Systems MPQ8632 Datasheet HTML 28Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
MPQ8632 HIGH EFFICIENCY 18V SYNCHRONOUS STEP-DOWN CONVERTER FAMILY FOR 4A TO 20A
MPQ8632 Rev.1.26
www.MonolithicPower.com
24
6/7/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Low-Side Valley Current Limit
: The device also
monitors the inductor current during the LS-FET
ON state. When ILIM=1 and at the end of the
OFF time, the LS-FET sourcing current is
compared to the internal positive-valley–current
limit. If the valley current limit is less than the LS-
FET sourcing current, the HS-FET remains OFF
and the LS-FET remains ON for the next ON time.
When the LS-FET sourcing current drops below
the valley current limit, the HS-FET turns on
again.
For other parts except MPQ8632GLE-10:
These parts enter OCP mode if only the LS-FET
sourcing valley current exceeds the valley current
limit. Once the OCP is triggered, the LS-FET
keeps ON state until the LS-FET sourcing valley
current is less than the valley current limit. And
then the LS-FET turns off, the HS-FET turns on
for a fixed time determined by frequency-set
resistor RFREQ and input voltage.
During OCP, the device tries to recover from the
over-current fault with hiccup mode: the chip
disables the output power stage, discharges the
soft-start capacitor and then automatically retries
soft-start. If the over-current condition still holds
after soft-start ends, the device repeats this
operation cycle until the over-current conditions
disappear and then output rises back to
regulation level. OCP offers non-latch protection.
Low-Side Negative Current Limit:
If the sensed
LS-FET negative current exceeds the negative
current limit, the LS-FET turns off immediately
and stays OFF for the remainder of the OFF
period. In this situation, both MOSFETs are OFF
until the end of a fixed interval. The HS-FET body
diode conducts the inductor current for the fixed
time.
Over -Voltage Protection (OVP)
The MPQ8632 monitors the output voltage using
the FB pin connected to the tap of a resistor
divider to detect over-voltage. MPQ8632 and
MPQ8632H provide non-latch and latch off OVP
mode as showed in Table 1.
Table 1—OVP Mode
OVP Mode
Non-Latch Mode
Latch-Off Mode
Part #
MPQ8632-4
MPQ8632-6
MPQ8632-8
MPQ8632H-10
MPQ8632-12
MPQ8632-15
MPQ8632-20
MPQ8632-10
For MPQ8632GLE-10:
If the FB voltage exceeds the nominal REF
voltage but remains lower than 120% of the REF
voltage (0.611V), both MOSFETs are off.
If the FB voltage exceeds 120% of the REF
voltage but remains below 130%, the LS-FET
turns on while the HS-FET remains off. The LS-
FET remains on until the FB voltage drops below
110% of the REF voltage or the low-side
negative current limit is hit.
If the FB voltage exceeds 130% of the REF
voltage, then the device is latched off. Need
cycle the input power supply or EN to restart.
For other parts except MPQ8632GLE-10:
Even the FB voltage exceeds 130% of the REF
voltage, these parts enter a non-latch off mode.
Once the FB voltage comes back to the
reasonable value, they will exit this OVP mode
and operate normally again.
UVLO protection
The
MPQ8632
has
under-voltage
lock-out
protection (UVLO). When the VCC voltage
exceeds the UVLO rising threshold voltage, the
MPQ8632 powers up. It shuts off when the VCC
voltage falls below the UVLO falling threshold
voltage. This is non-latch protection.
The MPQ8632 is disabled when the VCC voltage
falls below 3.3 V. If an application requires a
higher UVLO threshold, use the two external
resistors connected to the EN pin as shown in
Figure 9 to adjust the startup input voltage. For
best results, use the enable resistors to set the
input voltage falling threshold (VSTOP) above 3.6 V.
Set the rising threshold (VSTART) to provide
enough hysteresis to account for any input
supply variations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com