Electronic Components Datasheet Search
  English  ▼

X  

MPQ8632 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MPQ8632
Description  High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ8632 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MPQ8632 Datasheet HTML 4Page - Monolithic Power Systems MPQ8632 Datasheet HTML 5Page - Monolithic Power Systems MPQ8632 Datasheet HTML 6Page - Monolithic Power Systems MPQ8632 Datasheet HTML 7Page - Monolithic Power Systems MPQ8632 Datasheet HTML 8Page - Monolithic Power Systems MPQ8632 Datasheet HTML 9Page - Monolithic Power Systems MPQ8632 Datasheet HTML 10Page - Monolithic Power Systems MPQ8632 Datasheet HTML 11Page - Monolithic Power Systems MPQ8632 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
MPQ8632 HIGH EFFICIENCY 18V SYNCHRONOUS STEP-DOWN CONVERTER FAMILY FOR 4A TO 20A
MPQ8632 Rev.1.26
www.MonolithicPower.com
8
6/7/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TJ = -40C to +125C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Supply Current
Supply Current (Shutdown)
IIN
VEN = 0V
0
1
μA
Supply Current (Quiescent)
IIN
VEN = 2V, VFB = 1V
700
860
1000
μA
MOSFET
High-side Switch On Resistance
HSRDS-ON
MPQ8632GLE-4,6,8,
TJ =25C
28
mΩ
MPQ8632GLE-10,12,
MPQ8632HGLE-10,
TJ =25C
19.6
mΩ
MPQ8632GVE-15,20,
TJ =25C
9.9
mΩ
Low-side Switch On Resistance
LSRDS-ON
MPQ8632GLE-4, TJ =25C
16.4
mΩ
MPQ8632GLE-6, TJ =25C
15.8
MPQ8632GLE-8, TJ =25C
15.3
MPQ8632GLE-10,
MPQ8632HGLE-10,
TJ =25C
5.7
MPQ8632GLE-12, TJ =25C
5.2
MPQ8632GVE-15, TJ =25C
3
MPQ8632GVE-20, TJ =25C
2.4
Switch Leakage
SWLKG
VEN = 0V, VSW = 0V or 12V
0
10
μA
Current Limit
High-side Peak Current Limit
(6)
ILIMIT_PEAK
MPQ8632GLE-10
13
17.3
21.6
A
Low-side Valley Current Limit
(6)
ILIMIT_VALLEY
MPQ8632GLE-4
4
5
6
A
MPQ8632GLE-6
6.5
7.5
8.5
MPQ8632GLE-8
8
10
12
MPQ8632GLE-10
9.5
11
12.5
MPQ8632HGLE-10
10
13
16
MPQ8632GLE-12
12
15
18
MPQ8632GVE-15
15
20
25
MPQ8632GVE-20
20
25
30
Low-side Negative Current
Limit
(6)
ILIMIT_NEGATIVE
MPQ8632GVE-15
-6.6
-5.6
-4.6
A
All other parts
-4
-2.5
-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com