Electronic Components Datasheet Search
  English  ▼

X  

MPQ8632 Datasheet(PDF) 45 Page - Monolithic Power Systems

Part # MPQ8632
Description  High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ8632 Datasheet(HTML) 45 Page - Monolithic Power Systems

Back Button MPQ8632 Datasheet HTML 39Page - Monolithic Power Systems MPQ8632 Datasheet HTML 40Page - Monolithic Power Systems MPQ8632 Datasheet HTML 41Page - Monolithic Power Systems MPQ8632 Datasheet HTML 42Page - Monolithic Power Systems MPQ8632 Datasheet HTML 43Page - Monolithic Power Systems MPQ8632 Datasheet HTML 44Page - Monolithic Power Systems MPQ8632 Datasheet HTML 45Page - Monolithic Power Systems MPQ8632 Datasheet HTML 46Page - Monolithic Power Systems MPQ8632 Datasheet HTML 47Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 45 / 47 page
background image
MPQ8632 HIGH EFFICIENCY 18V SYNCHRONOUS STEP-DOWN CONVERTER FAMILY FOR 4A TO 20A
MPQ8632 Rev.1.26
www.MonolithicPower.com
45
6/7/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Inner2 Layer
C1C
VIN
GND
Bottom Layer
Figure 57—PCB Layout Guideline For 29-Pin
QFN 5mmx4mm Package Part, Including
MPQ8632-15 and MPQ8632-20.
Design Example
Below is a design example following the
application guidelines for the specifications:
Table 13—Design Example
VIN
4.5-18V
VOUT
1V
FSW
500kHz
The detailed application schematic is shown in
Figure 14. The typical performance and circuit
waveforms have been shown in the Typical
Performance Characteristics section. For more
device applications, please refer to the related
Evaluation Board Datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com