Electronic Components Datasheet Search
  English  ▼

X  

MPQ8632 Datasheet(PDF) 41 Page - Monolithic Power Systems

Part # MPQ8632
Description  High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ8632 Datasheet(HTML) 41 Page - Monolithic Power Systems

Back Button MPQ8632 Datasheet HTML 37Page - Monolithic Power Systems MPQ8632 Datasheet HTML 38Page - Monolithic Power Systems MPQ8632 Datasheet HTML 39Page - Monolithic Power Systems MPQ8632 Datasheet HTML 40Page - Monolithic Power Systems MPQ8632 Datasheet HTML 41Page - Monolithic Power Systems MPQ8632 Datasheet HTML 42Page - Monolithic Power Systems MPQ8632 Datasheet HTML 43Page - Monolithic Power Systems MPQ8632 Datasheet HTML 44Page - Monolithic Power Systems MPQ8632 Datasheet HTML 45Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 47 page
background image
MPQ8632 HIGH EFFICIENCY 18V SYNCHRONOUS STEP-DOWN CONVERTER FAMILY FOR 4A TO 20A
MPQ8632 Rev.1.26
www.MonolithicPower.com
41
6/7/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Efficiency vs.
Output Current
@500kHz, Vout=3.3V
60
65
70
75
80
85
90
95
100
0.01
0.1
1
10
OUTPUT CURRENT (A)
Figure 46 — Efficiency Curve
MPQ8632-10, VOUT=3.3V, IOUT=0.01A-10A, FSW=500kHz
IN
FREQ
VCC
EN
PGND
BST
FB
SW
MPQ8632
VIN
C1A
R7
C5
C3
L1
R4
C4
R1
R2
R6
PG
AGND
SS
C6
33nF
10uF
C1B
10uF
C1C
0.1uF
C1D
0.1uF
715K
R5
100K
1uF
100K
R3
0
2.2uH, TOKO FDA1254-2R2M
470K
220pF
48.7K
10K
R9
100
VOUT
C2A
47uF
C2B
47uF
C2C
47uF
C2D
0.1uF
0.1uF
C2E
0.1uF
Figure 47 — Typical Application Circuit with Low ESR Ceramic Capacitor
MPQ8632-10, VIN=12V, VOUT=3.3 V, IOUT=10A, FSW=800kHz
Efficiency vs.
Output Current
@800kHz, Vout=3.3V
50
55
60
65
70
75
80
85
90
95
100
0.01
0.1
1
10
OUTPUT CURRENT (A)
Figure 48 — Efficiency Curve
MPQ8632-10, VOUT=3.3V, IOUT=0.01A-10A, FSW=800kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com