Electronic Components Datasheet Search
  English  ▼

X  

MP3421 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP3421
Description  5.5A, 600kHz High-Efficiency, Synchronous Step-Up Converter with True Output Disconnect in a 2mmx2mm QFN Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3421 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP3421 Datasheet HTML 1Page - Monolithic Power Systems MP3421 Datasheet HTML 2Page - Monolithic Power Systems MP3421 Datasheet HTML 3Page - Monolithic Power Systems MP3421 Datasheet HTML 4Page - Monolithic Power Systems MP3421 Datasheet HTML 5Page - Monolithic Power Systems MP3421 Datasheet HTML 6Page - Monolithic Power Systems MP3421 Datasheet HTML 7Page - Monolithic Power Systems MP3421 Datasheet HTML 8Page - Monolithic Power Systems MP3421 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MP3421—5.5A, 600KHZ HIGH EFFICIENCY, SYNCHRONOUS, STEP-UP CONVERTER WITH OUTPUT DISCONNECT IN 2X2MM QFN PACKAGE
MP3421 Rev. 1.0
www.MonolithicPower.com
5
11/13/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VIN = VEN = 3.3V, VOUT = 5V, L = 1.5µH, TA = 25°C, unless otherwise noted.
OUTPUT VOLTAGE(V)
Quiescent Current vs.
Output Voltage
VIN<VOUT
Shutdown Current vs.
Input Voltage
EN=LOW
EN Threshold vs.
Temperature
VOUT Rising Threshold for
switching vs. Temperature
Input UVLO Threshold vs.
Temperature
Frequency vs.
Temperature
Linear-Charging Current
Limit vs. Output Voltage
Feedback Voltage vs.
Temperature
INPUT VOLTAGE(V)
OUTPUT VOLTAGE(V)
INPUT VOLTAGE(V)
Quiescent Current vs.
Input Voltage
VIN>VOUT
10
20
30
40
50
60
1.5 2 2.5 3 3.5 4 4.5 5 5.5
10
20
30
40
50
60
1.5 2 2.5 3 3.5 4 4.5 5 5.5
0
0.4
0.8
1.2
1.6
2
1.5 2 2.5 3 3.5 4 4.5 5 5.5
0
0.4
0.8
1.2
1.6
2
-40 -20 0 20 40 60 80 100120140
Rising Threshold
Falling Threshold
0
0.25
0.5
0.75
1
-40 -20 0 20 40 60 80 100120140
Rising Threshold
Falling Threshold
1
1.25
1.5
1.75
2
2.25
2.5
-40 -20 0 20 40 60 80 100120140
780
785
790
795
800
805
810
815
820
-40 -20 0 20 40 60 80 100120140
500
550
600
650
700
750
-40 -20 0 20 40 60 80 100120140
0
0.25
0.5
0.75
1
0
0.4
0.8
1.2
1.6
2
VIN=2.8V
VIN=4.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com