Electronic Components Datasheet Search
  English  ▼

X  

MP3421 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP3421
Description  5.5A, 600kHz High-Efficiency, Synchronous Step-Up Converter with True Output Disconnect in a 2mmx2mm QFN Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3421 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP3421 Datasheet HTML 6Page - Monolithic Power Systems MP3421 Datasheet HTML 7Page - Monolithic Power Systems MP3421 Datasheet HTML 8Page - Monolithic Power Systems MP3421 Datasheet HTML 9Page - Monolithic Power Systems MP3421 Datasheet HTML 10Page - Monolithic Power Systems MP3421 Datasheet HTML 11Page - Monolithic Power Systems MP3421 Datasheet HTML 12Page - Monolithic Power Systems MP3421 Datasheet HTML 13Page - Monolithic Power Systems MP3421 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MP3421—5.5A, 600KHZ HIGH EFFICIENCY, SYNCHRONOUS, STEP-UP CONVERTER WITH OUTPUT DISCONNECT IN 2X2MM QFN PACKAGE
MP3421 Rev. 1.0
www.MonolithicPower.com
10
11/13/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
FUNCTION DIAGRAM
Cout
VoutGood
1.7V
PWM Control
Slope Comp
SYNC Drive
Control
Enable Control
0.8V
REF
Body
Control
Vin
Startup
B
C
∑
EA
Cp
R1
R2
Rc
Cc
Enable
OSC
600KHz
Cin
L1
PWM
Comparator
Undervoltage
Lockout
Vref
IN
EN
FB
PGND
OUT
SW
AGND
Current Limit
SCP/OVP
A
RT
INA
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com