Electronic Components Datasheet Search
  English  ▼

X  

MP3421 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP3421
Description  5.5A, 600kHz High-Efficiency, Synchronous Step-Up Converter with True Output Disconnect in a 2mmx2mm QFN Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3421 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP3421 Datasheet HTML 5Page - Monolithic Power Systems MP3421 Datasheet HTML 6Page - Monolithic Power Systems MP3421 Datasheet HTML 7Page - Monolithic Power Systems MP3421 Datasheet HTML 8Page - Monolithic Power Systems MP3421 Datasheet HTML 9Page - Monolithic Power Systems MP3421 Datasheet HTML 10Page - Monolithic Power Systems MP3421 Datasheet HTML 11Page - Monolithic Power Systems MP3421 Datasheet HTML 12Page - Monolithic Power Systems MP3421 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MP3421—5.5A, 600KHZ HIGH EFFICIENCY, SYNCHRONOUS, STEP-UP CONVERTER WITH OUTPUT DISCONNECT IN 2X2MM QFN PACKAGE
MP3421 Rev. 1.0
www.MonolithicPower.com
9
11/13/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Pin Function
1, 2, 13
PGND Power Ground.
3, 14
SW
Power-Switch Output. SW is the internal NMOS switch and synchronous switch connection
node . Connect the power inductor between SW and input power. Keep these PCB trace
lengths as short and wide as possible to reduce EMI and voltage spikes.
4, 5, 6
OUT
Output. OUT is the internal synchronous rectifier MOSFET drain. Bias is derived from OUT
when VOUT is higher than VIN. PCB trace length from OUT to the output filter capacitor(s)
should be as short and wide as possible. Due to the output disconnect feature, OUT is
completely disconnected from IN when EN is low.
7
NC
No Connect. Reserved for factory use only. Float or connect NC to GND in the application.
8
EN
Enable Control Input.
9
IN
Power-Supply Input. The startup bias is derived from IN. It must be locally bypassed. Once
OUT exceeds IN, bias comes from OUT. Once started, operation is completely independent
from IN.
10
INA
Power-Supply Input (for factory use only). INA must be connected to IN in the application.
11
AGND Analog Signal Ground.
12
FB
Feedback Input to Error Amplifier. Connect resistor divider tap to FB. The output voltage
can be adjusted from 2.5V to 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com