Electronic Components Datasheet Search
  English  ▼

X  

MP3421 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP3421
Description  5.5A, 600kHz High-Efficiency, Synchronous Step-Up Converter with True Output Disconnect in a 2mmx2mm QFN Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3421 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP3421 Datasheet HTML 8Page - Monolithic Power Systems MP3421 Datasheet HTML 9Page - Monolithic Power Systems MP3421 Datasheet HTML 10Page - Monolithic Power Systems MP3421 Datasheet HTML 11Page - Monolithic Power Systems MP3421 Datasheet HTML 12Page - Monolithic Power Systems MP3421 Datasheet HTML 13Page - Monolithic Power Systems MP3421 Datasheet HTML 14Page - Monolithic Power Systems MP3421 Datasheet HTML 15Page - Monolithic Power Systems MP3421 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
MP3421—5.5A, 600KHZ HIGH EFFICIENCY, SYNCHRONOUS, STEP-UP CONVERTER WITH OUTPUT DISCONNECT IN 2X2MM QFN PACKAGE
MP3421 Rev. 1.0
www.MonolithicPower.com
14
11/13/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
Figure 2 shows recommended component
placement for the MP3421.
EN
IN
INA
NC
PGND
OUT
FB
AGND
SW
Top Layer
Bottom Layer
Via
VOUT
VIN
PGND
PGND
PGND
PGND
SW
OUT
SW
OUT
MP3421
L1
C2A
C2B
C1
R1
R2
Vias for heat sink
Figure 2: Layout Recommendation
Design Example
Table 2 shows a design example (using the
application
guidelines)
for
the
following
specifications:
Table 2: Design Example
VIN
2.8V-4.2V
VOUT
5V
IOUT
0A-2.1A
See Figure 3 for the detailed application
schematic. The typical application circuit for
VOUT = 5V is the basis for the typical
performance
waveforms.
For
details
on
additional device applications, please refer to
the related evaluation board datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com