Electronic Components Datasheet Search
  English  ▼

X  

MP3421 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3421
Description  5.5A, 600kHz High-Efficiency, Synchronous Step-Up Converter with True Output Disconnect in a 2mmx2mm QFN Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3421 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3421 Datasheet HTML 1Page - Monolithic Power Systems MP3421 Datasheet HTML 2Page - Monolithic Power Systems MP3421 Datasheet HTML 3Page - Monolithic Power Systems MP3421 Datasheet HTML 4Page - Monolithic Power Systems MP3421 Datasheet HTML 5Page - Monolithic Power Systems MP3421 Datasheet HTML 6Page - Monolithic Power Systems MP3421 Datasheet HTML 7Page - Monolithic Power Systems MP3421 Datasheet HTML 8Page - Monolithic Power Systems MP3421 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MP3421
5.5A, 600kHz High-Efficiency, Synchronous
Step-Up Converter with True Output Disconnect
in a 2mmx2mm QFN Package
MP3421 Rev. 1.0
www.MonolithicPower.com
1
11/13/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3421 is a high-efficiency, synchronous,
current–mode, step-up converter with true
output disconnect.
The MP3421 starts up from low input voltage
(as low as 1.9V) while providing in-rush current
limiting and output short-circuit protection. The
integrated, P-channel synchronous rectifier
improves efficiency and eliminates the need for
an external Schottky diode;
the P-channel
disconnects the output load from the input
during shutdown.
The MP3421 has 600kHz switching frequency,
which
accommodates
small
external
components.
In
addition,
its
internal
compensation and soft-start functions minimize
external component count.
The MP3421
provides a compact solution for a 5V output,
2.1A load requirement, using a supply voltage
as low as 2.8V.
The MP3421 is available in a 14-pin QFN
2mmx2mm package.
FEATURES
• Support 5V/2.1A Output at 2.8V Input
• Up to 98% Efficiency
• 1.9V to 5.5V Input Range
• 2.5V to 5.5V Output Range
• Internal Synchronous Rectifier
• 600kHz Fixed-Switching Frequency
• >5.5A Switch-Current Limit Capability
• 43uA Quiescent Current
• High-Efficiency over Full-Load Range
• Internal Soft-start and Compensation
• Output-Load Disconnect from Input
• OCP, SCP, OVP and OTP Protection
• Small 2x2mm QFN14 Package
APPLICATIONS
• Battery-Powered Products
• Power Banks, Juice Packs, Battery Back-up
Units
• USB Power Supply
• Consumer Electronic Accessories
• Tablets
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
84
86
88
90
92
94
96
98
100
00.5
11.522.5
LOAD CURRENT (A)
Efficiency vs.
Load Current
VOUT=5V
VIN=2.8V
VIN=4.2V
VIN=3.3V


Similar Part No. - MP3421

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3421GG MPS-MP3421GG Datasheet
399Kb / 7P
5.5A, 600kHz Synchronous Step-up Converter with Output Disconnect Evaluation Board
More results

Similar Description - MP3421

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC3689 E-CMOS-EC3689 Datasheet
515Kb / 8P
800KHz Synchronous Step-up Converter with 5.5A Switches
logo
Texas Instruments
TPS62097-Q1 TI1-TPS62097-Q1_18 Datasheet
1Mb / 28P
2-A High Efficiency Step-Down Converter in Wettable Flanks QFN Package
logo
Monolithic Power System...
MP3115 MPS-MP3115 Datasheet
622Kb / 8P
High-Efficiency, Single-Cell Alkaline, 1.3MHz Synchronous Step-up Converter with Output Disconnect
MP3422 MPS-MP3422 Datasheet
456Kb / 16P
6.5A, 600kHz High Efficiency, Synchronous Step-Up Converter with Output Disconnect in 2x2mm QFN Package
MP3423 MPS-MP3423 Datasheet
550Kb / 17P
9A, 600kHz High Efficiency, Synchronous Step-Up Converter with Output Disconnect in 2x2mm QFN Package
EV3421-G-00A MPS-EV3421-G-00A Datasheet
399Kb / 7P
5.5A, 600kHz Synchronous Step-up Converter with Output Disconnect Evaluation Board
EV3422-G-00A MPS-EV3422-G-00A Datasheet
417Kb / 7P
6.5A, 600kHz Synchronous Step-up Converter with Output Disconnect Evaluation Board
EV3423-G-00A MPS-EV3423-G-00A Datasheet
409Kb / 7P
9A, 600kHz Synchronous Step-up Converter with Output Disconnect Evaluation Board
MP1660 MPS-MP1660 Datasheet
1Mb / 20P
16V, 3A, 600kHz, High-Efficiency,Synchronous, Step-Down Converter with 0.6V VREF in a SOT563 Package
Rev. 1.0 6/9/2020
MP9459 MPS-MP9459 Datasheet
1Mb / 19P
17V, 4A, 600kHz, High-Efficiency,Synchronous, Step-Down Converter in an SOT563 Package
Rev. 1.0 1/13/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com