Electronic Components Datasheet Search
  English  ▼

X  

LM9801 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9801
Description  Greyscale/24-Bit Color Linear CCD Sensor Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9801 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM9801 Datasheet HTML 14Page - National Semiconductor (TI) LM9801 Datasheet HTML 15Page - National Semiconductor (TI) LM9801 Datasheet HTML 16Page - National Semiconductor (TI) LM9801 Datasheet HTML 17Page - National Semiconductor (TI) LM9801 Datasheet HTML 18Page - National Semiconductor (TI) LM9801 Datasheet HTML 19Page - National Semiconductor (TI) LM9801 Datasheet HTML 20Page - National Semiconductor (TI) LM9801 Datasheet HTML 21Page - National Semiconductor (TI) LM9801 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
TABLE II Configuration Register Parameters
(Continued)
Parameter
Control Bits
Result
Internal PGA
Gain Coefficient
GAIN7
GAIN6
GAIN5
GAIN4
GAIN3
GAIN2
GAIN1
GAIN0
dB VV
(typical)
0
0
0
0
0
0
0
0
000
1000
0
0
0
0
0
0
0
1
007
1008
0
0
0
0
0
0
1
0
013
1015


1
1
1
1
1
1
0
1
935
2935
1
1
1
1
1
1
1
0
937
2942
1
1
1
1
1
1
1
1
940
2950
PGA Gain
PGASRC
Coefficient
0
Internal
Source
1
External
Offset DAC
ODSIGN
Sign
0
Negative
1
Positive
Power Down
PD
0
Operating
1
Powered Down
Offset Add
OFF ADD
0
Offset E0 LSB
1
Offset E a2 LSB
VGA Gain
VGA3
VGA2
VGA1
VGA0
dB VV
(typical)
0000
000
100
0001
060
107
0010
120
115
0011
179
123
0100
239
132
0101
299
141
0110
359
151
0111
419
162
1000
479
174
1001
538
186
1010
598
199
1011
658
213
1100
718
229
1101
778
245
1110
838
262
1111
897
281
Note
tMCLK e 1fMCLK e 1 MCLK period Examples given in parenthesis are for fMCLK e 20 MHz (tMCLK e 50 ns)
http
www nationalcom
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com