Electronic Components Datasheet Search
  English  ▼

X  

LM9801 Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9801
Description  Greyscale/24-Bit Color Linear CCD Sensor Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9801 Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button LM9801 Datasheet HTML 26Page - National Semiconductor (TI) LM9801 Datasheet HTML 27Page - National Semiconductor (TI) LM9801 Datasheet HTML 28Page - National Semiconductor (TI) LM9801 Datasheet HTML 29Page - National Semiconductor (TI) LM9801 Datasheet HTML 30Page - National Semiconductor (TI) LM9801 Datasheet HTML 31Page - National Semiconductor (TI) LM9801 Datasheet HTML 32Page - National Semiconductor (TI) LM9801 Datasheet HTML 33Page - National Semiconductor (TI) LM9801 Datasheet HTML 34Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
Applications Information (Continued)
Suggested timing for CIS devices is
Mode e 0 (Standard Mode)
RS Pulse Width e 0 (2 MCLKs)
RS Pulse Polarity e 0 (or 1 if circuit of
Figure 21 is
used)
RS Pulse Position e 0
Sample Reference Position e 2
Sample Signal Position e 14
w
1 w2RSTR Enable e 0011
TR Pulse Width e 0
TR-w1 Guardband e 0
TR Polarity e 1
Signal Polarity e 0
Dummy Pixels e 2
Optical Black Pixels e 10
( Value given in CCD datasheet)
As CIS sensors approach pixel rates of 1 MHz and above
(corresponding to MCLK frequencies of 8 MHz and above)
the voltage during the reset level becomes less stable mak-
ing it difficult to perform CDS on the output
(Figure 22) The
solution is to create the ground reference externally short-
ing the LM9801’s input to ground for half of the time using
the w1 clock as shown in
Figure 23
TLH12814 – 49
FIGURE 22 High Speed CIS Waveforms
TLH12814 – 50
FIGURE 23 High Speed CIS Interface
100 HINTS AND COMMON SYSTEM DESIGN
PROBLEMS
101 Reading and Writing to the Configuration Register
The Configuration Register sends and receives data LSB
(Least Significant Byte) first Some microcontrollers send
out data MSB (Most Significant Byte) first The order of the
bits must be reversed to when using these microcontrollers
Note
Unlike the LM9800 the SYNC pin does not have to be held high to
send or receive data to or from the Configuration Register
102 Setting the Dummy and Optical Black Pixel
Registers
The minimum value in the Dummy Pixels register is 2 (a
value of 0 or 1 will cause errors in the EOC and CCLK tim-
ing) Note that the value in this register should be equal to 1
plus the actual number of dummy pixels in the CCD For
example if the CCD being used with the LM9801 has 12
dummy pixels this register should be set to 13 The mini-
mum number in the Optical Black Pixels register is 1
103 Stretching the TR-w1 Guardband
Some CCDs (Sony’s ILX514 ILX518 and ILX524 for exam-
ple) require a TR to w1 guardband greater than the 100 ns
(2 MCLKs) provided by the LM9801 The circuit shown in
Figure 24 produces a 1 ms wROG (transfer) pulse with a
guardband between the end of the wROG pulse and the
next edge of w1 This is done by setting the LM9801’s TR
pulse width register to 2 ms and using the 74HC4538 to
generate a 1 ms pulse inside that TR period to send to the
CCD
TLH12814 – 51
FIGURE 24 Stretching the TR-w1 Guardband
http
www nationalcom
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com