Electronic Components Datasheet Search
  English  ▼

X  

LM9801 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9801
Description  Greyscale/24-Bit Color Linear CCD Sensor Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9801 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM9801 Datasheet HTML 15Page - National Semiconductor (TI) LM9801 Datasheet HTML 16Page - National Semiconductor (TI) LM9801 Datasheet HTML 17Page - National Semiconductor (TI) LM9801 Datasheet HTML 18Page - National Semiconductor (TI) LM9801 Datasheet HTML 19Page - National Semiconductor (TI) LM9801 Datasheet HTML 20Page - National Semiconductor (TI) LM9801 Datasheet HTML 21Page - National Semiconductor (TI) LM9801 Datasheet HTML 22Page - National Semiconductor (TI) LM9801 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
TABLE II Configuration Register Parameters
(Continued)
Parameter
Control Bits
Result
Offset DAC
ODSIGN
VOS3
VOS2
VOS1
VOS0
Offset (LSB)
(typical)
0
0
0
0
0
000
00001
b
042
00010
b
084
00011
b
126
00100
b
168
00101
b
210
00110
b
252
00111
b
294
01000
b
336
01001
b
378
01010
b
420
01011
b
462
01100
b
504
01101
b
546
01110
b
588
01111
b
630
1
0
0
0
0
000
10001
a
042
10010
a
084
10011
a
126
10100
a
168
10101
a
210
10110
a
252
10111
a
294
11000
a
336
11001
a
378
11010
a
420
11011
a
462
11100
a
504
11101
a
546
11110
a
588
11111
a
630
Note
tMCLK e 1fMCLK e 1 MCLK period Examples given in parenthesis are for fMCLK e 20 MHz (tMCLK e 50 ns)
Block Diagram of LM9801-Based System
TLH12814 – 28
Note
Power supplies and bypass capacitors not shown for clarity
FIGURE 1 LM9801 System Block Diagram
http
www nationalcom
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com