Electronic Components Datasheet Search
  English  ▼

X  

LM9801CCVF Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9801CCVF
Description  Greyscale/24-Bit Color Linear CCD Sensor Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9801CCVF Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM9801CCVF Datasheet HTML 13Page - National Semiconductor (TI) LM9801CCVF Datasheet HTML 14Page - National Semiconductor (TI) LM9801CCVF Datasheet HTML 15Page - National Semiconductor (TI) LM9801CCVF Datasheet HTML 16Page - National Semiconductor (TI) LM9801CCVF Datasheet HTML 17Page - National Semiconductor (TI) LM9801CCVF Datasheet HTML 18Page - National Semiconductor (TI) LM9801CCVF Datasheet HTML 19Page - National Semiconductor (TI) LM9801CCVF Datasheet HTML 20Page - National Semiconductor (TI) LM9801CCVF Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
TABLE II Configuration Register Parameters
(Continued)
Parameter
Control Bits
Result
w
1 Enable
w
1EN
0
w
1 Output Off
1
w
1 Output On
w
2 Enable
w
2EN
0
w
2 Output Off
1
w
2 Output On
RS Enable
RSEN
0
RS Output Off
1
RS Output On
TR Enable
TREN
0
TR Output Off
1
TR Output On
(tTRWIDTH)
TR Pulse Width
TRW1
TRW0
0
0
20 tMCLK (10 ms)
0
1
30 tMCLK (15 ms)
1
0
40 tMCLK (20 ms)
1
1
50 tMCLK (25 ms)
TR-w1
TRGRD
Guardband
0
1tMCLK (50 ns)
(tGUARD)
1
2tMCLK (100 ns)
TR Polarity
TRPOL
0
TR
1
TR
Signal Polarity
SIGPOL
0
Positive (CIS)
1
Negative (CCD)
register
than number in this
should be one less
dummy pixels in CCD
Actual number of
Register Value is 2
Note
Minimum
Dummy Pixels
BLS6
BLS5
BLS4
BLS3
BLS2
BLS1
BLS0
Dummy Pixels
0000000
Not Valid
0000001
Not Valid
0000010
1
0000011
2


1111101
124
1111110
125
1111111
126
Register Value is 1
Note
Minimum
Optical Black Pixels
BLL7
BLL6
BLL5
BLL4
BLL3
BLL2
BLL1
BLL0
Optical Black Pixels
00000000
Not Valid
00000001
1
00000010
2
00000011
3


11111101
253
11111110
254
11111111
255
Note
tMCLK e 1fMCLK e 1 MCLK period Examples given in parenthesis are for fMCLK e 20 MHz (tMCLK e 50 ns)
http
www nationalcom
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com