Electronic Components Datasheet Search
  English  ▼

X  

LM9801CCVF Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9801CCVF
Description  Greyscale/24-Bit Color Linear CCD Sensor Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9801CCVF Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button LM9801CCVF Datasheet HTML 23Page - National Semiconductor (TI) LM9801CCVF Datasheet HTML 24Page - National Semiconductor (TI) LM9801CCVF Datasheet HTML 25Page - National Semiconductor (TI) LM9801CCVF Datasheet HTML 26Page - National Semiconductor (TI) LM9801CCVF Datasheet HTML 27Page - National Semiconductor (TI) LM9801CCVF Datasheet HTML 28Page - National Semiconductor (TI) LM9801CCVF Datasheet HTML 29Page - National Semiconductor (TI) LM9801CCVF Datasheet HTML 30Page - National Semiconductor (TI) LM9801CCVF Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
Applications Information (Continued)
60 POWER SUPPLY CONSIDERATIONS
61 General
The LM9801 should be powered by a single a5V source
(unless 3V-compatible digital IO is requiredsee Section
62) The analog supplies (VA) and the digital supplies (VD
and VD(IO)) are brought out individually to allow separate
bypassing for each supply input They should
not be pow-
ered by two or more different supplies
In systems with separate analog and digital a5V supplies
all the supply pins of the LM9801 should be powered by the
analog a5V supply Each supply input should be bypassed
to its respective ground with a 01 mF capacitor located as
close as possible to the supply input pin A single 10 mF
tantalum capacitor should be placed near the VA supply pin
to provide low frequency bypassing
To minimize noise keep the LM9801 and all analog compo-
nents as far as possible from noise generators such as
switching power supplies and high frequency digital busses
If possible isolate all the analog components and signals
(OS reference inputs and outputs VA AGND) on an analog
ground plane separate from the digital ground plane The
two ground planes should be tied together at a single point
preferably the point where the power supply enters the PCB
62 3V Compatible Digital IO
If 3V digital IO operation is desired the VD(IO) pin may be
powered by a separate 3V g 10% or 33V g 10% supply
In this case all the digital IO pins (CD0 – CD7 CCLK
MCLK DD0 – DD7 EOC RD SYNC CS SCLK SDO and
SDI) will be 3V compatible The CCD clock signals (w1 w2
RS and TR) remain 5V outputs powered by VD In this case
the VD(IO) input should be bypassed to DGND(IO) with a
parallel combination of a 01 mF capacitor and a 10 mF tan-
talum capacitor
63 Power Down Mode
Setting the Power Down bit to a ‘‘1’’ puts the device in a low
power standby mode The CCD outputs (w1 w2 RS and
TR) are pulled low and the analog sections are turned off to
conserve power The digital logic will continue to operate if
MCLK continues and SYNC is held high so for minimum
power dissipation MCLK should be stopped when the
LM9801 enters the Power Down mode Recovery from Pow-
er Down typically takes 50 ms (the time required for the
reference voltages to settle to 05 LSB accuracy)
70 COLOR
There are two primary ways to use the LM9801 in a color
system with a triple output (RGB) CCD The first is to use
one LM9801 with an external multiplexer This is the sim-
plest solution The second technique is to use one LM9801
per RGB color
71 Parallel Output CCD One LM9801
Figure 12 is an example of how to use a single LM9801 with
a triple-output RGB CCD In this case an entire line of red is
digitized followed by an entire line of green then blue This
solution provides a 25 Mpixelssec (for an effective 830k
RGB pixelssec after de-interleaving) pixel rate using a high
performance triple output color CCD
The Mux 1 multiplexer located between the CCD’s OS out-
puts and the LM9801’s OS input selects the color to be
digitized according to the states of the A and B inputs (de-
scribed below) The multiplexer’s speed requirements are
minimal because the mux switches at the line rate not the
pixel rate Also since the output of the mux goes into a high
impedance low-capacitance input the ON resistance of the
mux is not critical The 74HC4052 is a good choice for this
application
TLH12814 – 39
FIGURE 12 Parallel Output CCD Application Circuit
http
www nationalcom
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com