Electronic Components Datasheet Search
  English  ▼

X  

LM9801CCVF Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9801CCVF
Description  Greyscale/24-Bit Color Linear CCD Sensor Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9801CCVF Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LM9801CCVF Datasheet HTML 18Page - National Semiconductor (TI) LM9801CCVF Datasheet HTML 19Page - National Semiconductor (TI) LM9801CCVF Datasheet HTML 20Page - National Semiconductor (TI) LM9801CCVF Datasheet HTML 21Page - National Semiconductor (TI) LM9801CCVF Datasheet HTML 22Page - National Semiconductor (TI) LM9801CCVF Datasheet HTML 23Page - National Semiconductor (TI) LM9801CCVF Datasheet HTML 24Page - National Semiconductor (TI) LM9801CCVF Datasheet HTML 25Page - National Semiconductor (TI) LM9801CCVF Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
Applications Information (Continued)
of the CCD is AC coupled to the LM9801 through a DC
blocking capacitor CCLAMP (the CCD’s DOS output is not
used) The value of this capacitor is determined by the leak-
age current of the LM9801’s OS input and the output imped-
ance of the CCD The leakage through the OS input deter-
mines how quickly the capacitor value will drift from the
clamp value of REF OUTMID which then determines how
many pixels can be processed before the droop causes er-
rors in the conversion (g01V is the recommended limit)
The output impedance of the CCD determines how quickly
the capacitor can be charged to the clamp value during the
black reference period at the beginning of every line
The minimum clamp capacitor value is determined by the
maximum droop the LM9801 can tolerate while converting
one CCD line The following equation takes the maximum
leakage current into the OS input the maximum allowable
droop (100 mV) the number of pixels on the CCD and the
pixel conversion rate (fMCLK 8) and provides the minimum
clamp capacitor value
CCLAMP MIN e
i
dV
dt
e
leakage current (A)
max droop (V)
number of pixels
conversion rate (Hz)
For example if the OS input leakage current is 20 nA worst-
case the CCD has 2700 active pixels the conversion rate is
25 MHz (fMCLK e 20 MHz) and the max droop desired is
01V the minimum clamp capacitor value is
CCLAMP MIN e
20 nA
01V
2700
25 MHz
e
216 pF
The maximum size of the clamp capacitor is determined by
the amount of time available to charge it to the desired val-
ue during the optical black portion of the CCD output The
internal clamp is on for each pixel from the rising edge of
the SH ref pulse to the falling edge of the SH signal pulse
(see Diagrams 7 and 8) This time can be calculated using
the values stored in the Sample Signal and Sample Refer-
ence configuration registers and the MCLK frequency For
normal CCDs
tDARK(s) e
2 a SS–SR
2fMCLK(Hz)
And for evenodd CCDs
tDARK(s) e
18 a SS–SR
2fMCLK(Hz)
Where SS is the value in the Sample Signal Position register
(0 – 15) SR is the value in the Sample Reference Position
register (0 – 14) fMCLK is the MCLK frequency and tDARK is
the amount of time (per pixel) that the clamp is on
The following equation takes the number of optical black
pixels the amount of time (per pixel) that the clamp is
closed the CCD’s output impedance and the desired accu-
racy of the final clamp voltage and provides the maximum
clamp capacitor value that allows the clamp capacitor to
settle to the desired accuracy within a single line
CCLAMP MAX e
t
R
1
In(accuracy)
e
n
ROUT(X)
tDARK(s)
In(accuracy)
Where n e the number of optical black pixels tDARK is the
amount of time (per pixel) that the clamp is on ROUT is the
output impedance of the CCD and accuracy is the ratio of
the worst-case initial capacitor voltage to the desired final
capacitor voltage For example if a CCD has 18 black refer-
ence pixels the output impedance of the CCD is 1500X the
LM9801 is configured to clamp for 300 ns the worst case
initial voltage across the capacitor is 10V and the desired
voltage after clamping is 01V (accuracy e 1001 e 100)
then
CCLAMP MAX e
18
1500X
300 ns
In(100)
e
514 pF
The final value for CCLAMP should be less than or equal to
CCLAMP MAX but no less than CCLAMP MIN A value of
470 pF will work in this example
In some cases depending primarily on the choice of CCD
CCLAMP
MAX
may
actually
be
less
than
the
CCLAMP MIN meaning that the capacitor cannot be charged
to its final voltage during the black pixels at the beginning of
a line and hold its voltage without drooping for the duration
of that line This is usually not a problem because in most
applications the CCD is clocked continuously as soon as
power is applied In this case a larger capacitor can be
used (guaranteeing that the CCLAMP MIN requirement is
met) and the final clamp voltage is forced across the ca-
pacitor over multiple lines This equation calculates how
many lines are required before the capacitor settles to the
desired accuracy
lines e
ROUTnCCLAMP
tDARK
J In InitialVoltage
Final Voltage
J
Using the values shown before and a clamp capacitor value
of 001 mF this works out to be
lines e
1500X
18
001 mF
300 ns
J In 10V
01V
J e128lines
At a 25 MHz conversion rate this is about 14 ms
In this example a 001 mF capacitor takes 14 ms after pow-
er-up to charge to its final value but its droop across all
subsequent lines is now less than 2 mV (using the previous
example’s values) This wide margin is the reason a CCLAMP
value of 001 mF will work in most applications
43 VGA
The LM9801 has a VGA (Variable Gain Amplifier) that can
be used to increase the amplitude of the CCD signal prior to
sampling correction and digitization The gain of the VGA is
0 dB to 9 dB and is determined by the codes in the 4-bit
VGA Gain register as given by the equation
GainVGA (dB) e
VGA code
16
955
This gain may be changed at the line rate (not the pixel rate)
by writing to the configuration register You can write to the
configuration register to change the gain at any time but if
you write during a line the remaining pixels of that line may
be corrupted It is best to change the gain after all active
pixels have been read out or while SYNC is low
http
www nationalcom
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com