Electronic Components Datasheet Search
  English  ▼

X  

LM9801CCVF Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9801CCVF
Description  Greyscale/24-Bit Color Linear CCD Sensor Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9801CCVF Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button LM9801CCVF Datasheet HTML 26Page - National Semiconductor (TI) LM9801CCVF Datasheet HTML 27Page - National Semiconductor (TI) LM9801CCVF Datasheet HTML 28Page - National Semiconductor (TI) LM9801CCVF Datasheet HTML 29Page - National Semiconductor (TI) LM9801CCVF Datasheet HTML 30Page - National Semiconductor (TI) LM9801CCVF Datasheet HTML 31Page - National Semiconductor (TI) LM9801CCVF Datasheet HTML 32Page - National Semiconductor (TI) LM9801CCVF Datasheet HTML 33Page - National Semiconductor (TI) LM9801CCVF Datasheet HTML 34Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
Applications Information (Continued)
The PGA gain coefficient register and PGA Gain Source bit
are used during calibration (see Section 50) The Power
Down bit should be set to 0 for normal operation The Offset
Add bit is also programmed during calibration
The VGA and Offset DAC bits are programmed during cali-
bration (Section 50) The Test Mode bits should always be
set to ‘‘0’’
90 TYPICAL CIS APPLICATION
Many CIS sensors (such as those made by Dyna Image
Corporation) have only one clock input a transfer signal
and an output signal that is referred to ground
(Figure 18)
Figure 19 shows the analog and digital circuitry required to
connect a typical Dyna CIS to the LM9801
TLH12814 – 45
FIGURE 18 CIS Waveforms
TLH12814 – 46
FIGURE 19 Minimum CIS Interface
Because the CIS requires only one clock with a duty cycle of
less than 50% the LM9801’s RS output is used as the
CIS’s CLK source w1 and w2 are not used The 74HC74
D flip-flop is used to lengthen the transfer pulse (SI or ‘‘Shift
In’’ on the CIS) so that it overlaps the first RS pulse and
meets the timing requirement of the CIS (see
Figure 20 )
The final ‘‘trick’’ required to interface a CIS to the LM9801 is
the generation of optical black pixels for the LM9801 to
clamp to at the beginning of a line Unlike CCDs CIS devic-
es do not have a sequence of optical black pixels at the
beginning of a linethe first pixel out of a CIS is valid image
data There are several ways to create black pixels for the
LM9801 to clamp to
TLH12814 – 47
FIGURE 20 CIS Interface Digital Timing
The simplest solution is to physically place a light shield
(black plastic tape or metal) over the first 10 or so pixels
This reduces the voltage output of the CIS to nearly 0V
which is adequate for the LM9801 to clamp to This has the
side effect of slightly reducing the number of active pixels
available for image capture
A second option is to artifically generate ‘‘black’’ pixels by
holding the CLOCK input high for 10 or so RS pulses
(Figure
21) This forces the output voltage to zero for the time that
the CLOCK input is high and only one active image pixel is
lost The BLACK signal could be generated by the ASICex-
ternal logic that generates a pulse on the first rising edge of
RS after the TR pulse
TLH12814 – 48
FIGURE 21 Generating Artificial Black Pixels
http
www nationalcom
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com