Electronic Components Datasheet Search
  English  ▼

X  

MP5600 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP5600
Description  Compact Multiple-Output Power Supply for TV-LCD panel
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5600 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP5600 Datasheet HTML 17Page - Monolithic Power Systems MP5600 Datasheet HTML 18Page - Monolithic Power Systems MP5600 Datasheet HTML 19Page - Monolithic Power Systems MP5600 Datasheet HTML 20Page - Monolithic Power Systems MP5600 Datasheet HTML 21Page - Monolithic Power Systems MP5600 Datasheet HTML 22Page - Monolithic Power Systems MP5600 Datasheet HTML 23Page - Monolithic Power Systems MP5600 Datasheet HTML 24Page - Monolithic Power Systems MP5600 Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
MP5600-COMPACT MULTIPLE-OUTPUT POWER SUPPLY FOR TV-LCD PANEL
MP5600 Rev. 0.9
www.MonolithicPower.com
21
10/19/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
Selecting the Output Capacitor
The output capacitor (C8) is required to maintain
the DC output voltage. Ceramic, tantalum, or low
ESR electrolytic capacitors are recommended.
Low ESR capacitors are preferred to reduce the
output voltage ripple. The output voltage ripple
can be estimated by:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
×
+
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
=
C8
f
8
1
R
V
V
1
L
f
V
ΔV
S
ESR
IN
OBUCK
S
OBUCK
OBUCK
Where L is the inductance of the inductor and
RESR is the equivalent series resistance (ESR)
value of the output capacitor.
In the case of ceramic capacitors, the impedance
at the switching frequency is dominated by the
capacitance. The output voltage ripple is mainly
caused by the capacitance. For simplification, the
output voltage ripple can be estimated by:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
×
×
=
IN
OBUCK
2
S
OBUCK
OBUCK
V
V
1
C8
L
f
8
V
ΔV
In the case of tantalum or electrolytic capacitors,
the ESR dominates the impedance at the
switching frequency. For simplification, the output
ripple can be approximated by:
ESR
IN
OBUCK
S
OBUCK
OBUCK
R
V
V
1
L
f
V
ΔV
×
⎟
⎠
⎞
⎜
⎝
⎛ −
×
×
=
Selecting the Diode
The output rectifier diode supplies the current to
the inductor when the high-side switch is off. To
reduce losses due to the diode forward voltage
and recovery times, Schottky diode is preferred.
Choose a diode whose maximum reverse voltage
rating is greater than the maximum input voltage,
and whose current rating is greater than the
maximum load current.
Boost Regulator
Setting the Output Voltage
Set the output voltage by selecting the resistive
voltage divider ratio. The R2 is low-side resistor
of the voltage divider. Determine the high-side
resistor R1 by the equation:
FB
FB
OBOOST
V
)
V
R2(V
R1
−
=
Where VOBOOST is the output voltage of the boost
regulator.
Selecting the Inductor
The inductor is required to force the higher output
voltage while being driven by the input voltage. A
larger value inductor results in less ripple current
that results in lower peak inductor current,
reducing stress on the internal N-Channel.switch.
However, the larger value inductor has a larger
physical size, higher series resistance, and/or
lower saturation current.
The inductance value can be exactly calculated.
A good rule of thumb is to allow the peak-to-peak
ripple current to be approximately 30-50% of the
maximum input current. Make sure that the peak
inductor current is below 75% of the current limit
value at the operating duty cycle to prevent loss
of regulation due to the current limit. Also make
sure that the inductor does not saturate under the
worst-case load transient and startup conditions.
Calculate the required inductance value by the
equation:
ΔI
f
V
)
V
-
(V
V
L
S
OBOOST
IN
OBOOST
IN
×
×
=
×
η
V
I
V
I
IN
(MAX)
LOAD
OBOOST
IN(MAX)
×
×
=
(
)
IN(MAX)
I
50%
30%
ΔI
−
=
Where ILOAD(MAX) is the maximum load current, ΔI is
the peak-to-peak inductor ripple current, and η is
efficiency.
Selecting the Input Capacitor
An input capacitor is required to supply the AC
ripple current of the inductor, while limiting noise
at the input source. A low ESR capacitor is
required minimize the noise of the IC. Ceramic
capacitors are preferred, but tantalum or low-
ESR electrolytic capacitors may also suffice.
The capacitance of the input capacitor should be
greater than 4.7μF. The capacitor can be
electrolytic, tantalum or ceramic. However since
it absorbs the input switching current, it requires
an adequate ripple current rating. Use a
capacitor with RMS current rating which is
greater than the inductor ripple current.
Place the input capacitor as close to the IC as
possible to reduce the noise. Alternately a
smaller and high quality ceramic capacitor should
be placed closer to the IC if the larger capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com