Electronic Components Datasheet Search
  English  ▼

X  

MP5600 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP5600
Description  Compact Multiple-Output Power Supply for TV-LCD panel
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5600 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP5600 Datasheet HTML 4Page - Monolithic Power Systems MP5600 Datasheet HTML 5Page - Monolithic Power Systems MP5600 Datasheet HTML 6Page - Monolithic Power Systems MP5600 Datasheet HTML 7Page - Monolithic Power Systems MP5600 Datasheet HTML 8Page - Monolithic Power Systems MP5600 Datasheet HTML 9Page - Monolithic Power Systems MP5600 Datasheet HTML 10Page - Monolithic Power Systems MP5600 Datasheet HTML 11Page - Monolithic Power Systems MP5600 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
MP5600-COMPACT MULTIPLE-OUTPUT POWER SUPPLY FOR TV-LCD PANEL
MP5600 Rev. 0.9
www.MonolithicPower.com
8
10/19/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
GPT
Gate Pulse Output (GPO) Low Level Threshold Set Input. Connect a resistor divider
between boost output and GND. Tie GPT pin to the center of a resistive divider to set the
GPO discharging low level. The low level is 10 times of GPT voltage.
2
PDRV
Driver Output pin of Positive Charge Pump. Connect charge pump capacitor to this pin.
3
GND1
Power Ground. Ground for GPM block.
4
GPH
Gate Pulse High Level Input. This pin is the output of the positive charge pump regulator.
5
GPO
Gate Pulse Output Pin. It is the common terminal of the internal High-Voltage MOSFET
Switch.
6
GPD
Gate Pulse Low Level Discharge Pin. Connect a resistor from this pin to GND to set the
GPO discharge speed.
7
MODE
Gate Pulse Block Mode Selection.
See the High-Voltage Switch Control section for details.
8
DLY4
Gate Pulse Block Delay or Enable Pin. The Gate Pulse Block enables when positive charge
pump regulator is ready and DLY4 voltage reaches 1.2V.
9
FBP
Positive Charge Pump Regulator Feedback Pin. Connect this pin to a resistor divider
between the positive charge pump regulator output (GPH) and GND, which sets the positive
charge pump regulator output voltage. Place the resister divider to FBP pin as close as
possible.
10
GND2
Power Ground. It is refer to charge pump and buck regulator.
11
GPI
Gate Pulse Signal Input Pin.
12
NDRV
Negative Charge Pump Driver Output. Connect the negative charge pump flying capacitor to
this pin.
13
AGND
Analog Ground
14
FBN
Negative Charge Pump Regulator Feedback Pin. Connect this pin to the center of a resistor
divider between the negative output and REF to set the negative charge-pump regulator
output voltage. Place the resister divider to FBP pin as close as possible.
15
REF
Internal Reference Output. Connect a decoupled capacitor from REF to GND. A 0.22µF
ceramic capacitor is enough for most case.
16
DLY1
Negative Charge-Pump Delay Pin. Connect a capacitor from this pin to GND to set the
delay time between the buck output and the negative charge pump output.
17
FBBK
Buck Regulator Feedback Pin.
Connect this pin to GND to select the buck internal fixed 3.3V output.
Connect FBBK to the center of a resistor divider between the buck regulator output and
GND to set the buck regulator output voltage for adjustable output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com