Electronic Components Datasheet Search
  English  ▼

X  

MP5600 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP5600
Description  Compact Multiple-Output Power Supply for TV-LCD panel
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5600 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP5600 Datasheet HTML 1Page - Monolithic Power Systems MP5600 Datasheet HTML 2Page - Monolithic Power Systems MP5600 Datasheet HTML 3Page - Monolithic Power Systems MP5600 Datasheet HTML 4Page - Monolithic Power Systems MP5600 Datasheet HTML 5Page - Monolithic Power Systems MP5600 Datasheet HTML 6Page - Monolithic Power Systems MP5600 Datasheet HTML 7Page - Monolithic Power Systems MP5600 Datasheet HTML 8Page - Monolithic Power Systems MP5600 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
MP5600
Compact Multiple-Output
Power Supply for TV-LCD panel
MP5600 Rev. 0.9
www.MonolithicPower.com
1
10/19/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP5600 represents an integrated power
supply for large size LCD panel. It contains a
buck regulator to generate the logic supply rail,
a boost regulator to generate the source driver
supply,
two
charge-pump
controllers
to
generate a positive output and negative output
respectively, and a programmable delay gate
pulse management switch. Each regulator
features adjustable output, internal soft-start,
and timer-delayed fault protection.
With the input range from 9V to 18V, the buck
regulator can adjust output from 1.5V to 5V; the
boost regulator can adjust output from Vin to
19.5V. Both the buck and boost regulators use
an external-selectable fixed-frequency (450 kHz
or 675 kHz).
With external diode, two regulated charge pump
controller could afford voltage up to 3X boost
output and low to negative boost output. Gate
pulse management provides TFT positive gate
driver voltage with two operation mode and
programmable delay.
The MP5600 has a 5V linear regulator, a
1.227V reference output, adjustable power up
sequences, and over temperature protection.
The MP5600 is available in a 40 pins, 5mm x
5mm, thin QFN package. The device operates
over the -20°C to +85°C temperature range.
FEATURES
• 9V to 18V Input Voltage Range
• 450kHz or 675kHz Selectable Frequency
• 7.5V Input Under-Voltage Lockout
• High Efficiency
• Internal Soft-start
Buck Regulator
• Peak
Current-Mode,
Fast
Transient
Response
• Integrated 20V, 5A, 60mΩ N-MOSFET
• Internal Fixed 3.3V or Adjustable Output
Voltage
• Power Good Signal
• Short Circuit Protection with Switching
Frequency Fold-Back
Boost Regulator
• Peak Current-Mode Control
• Integrated 20V, 5A, 60mΩ N-MOSFET
• 19.5V Over Voltage Protection
• Full Isolation Between VIN and Load
• 100mΩ MOSFET Output Isolation Switch
• Adjustable Positive Charge Pump and
Negative Charge Pump regulator with
120mA Max Load
• Adjustable GPI and GPO Delay Time
• Dual Mode, Logic-Controlled, High-Voltage
Switch with Programmable Delay
• Internal Timer-Delay Fault Protection
• 150°C Thermal Shutdown
• 40-Pin, 5mm x 5mm, Thin QFN Package
APPLICATIONS
• LCD TV Panel
• LCD Monitor
“MPS” and “The Future of Analog IC Technology” are Trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MP5600

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5610 MPS-MP5610 Datasheet
968Kb / 15P
2.7V to 5.5V Input, 1.2MHz, Dual-ch LCD Bias Power Supply
MP5610GQG MPS-MP5610GQG Datasheet
968Kb / 15P
2.7V to 5.5V Input, 1.2MHz, Dual-ch LCD Bias Power Supply
MP5610GQG MPS-MP5610GQG Datasheet
366Kb / 8P
2.7V-5.5V Input Dual-Ch LCD Bias Power Supply Evaluation Board
MP5611 MPS-MP5611 Datasheet
853Kb / 20P
2.9V to 5.2V Input, Triple-Output, 2.9V to 5.2V Input, Triple-Output,
12/16/2021 Rev. 1.0
MP5611GQT MPS-MP5611GQT Datasheet
853Kb / 20P
2.9V to 5.2V Input, Triple-Output, 2.9V to 5.2V Input, Triple-Output,
12/16/2021 Rev. 1.0
More results

Similar Description - MP5600

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8728 MAXIM-MAX8728 Datasheet
424Kb / 29P
Low-Cost, Multiple-Output Power Supply for LCD Monitors/TVs
Rev 0; 1/06
MAX1530 MAXIM-MAX1530 Datasheet
708Kb / 33P
Multiple-Output Power-Supply Controllers for LCD Monitors
Rev 0; 5/03
logo
Texas Instruments
TPS65167 TI-TPS65167 Datasheet
1Mb / 37P
Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65167 TI-TPS65167_07 Datasheet
1Mb / 39P
Compact LCD Bias Supply for TFT-LCD TV Panels
logo
Maxim Integrated Produc...
MAX17014 MAXIM-MAX17014 Datasheet
626Kb / 34P
Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 0; 10/07
MAX1530 MAXIM-MAX1530_09 Datasheet
607Kb / 33P
Multiple-Output Power-Supply Controllers for LCD Monitors
Rev 1; 11/09
MAX17014 MAXIM-MAX17014_10 Datasheet
540Kb / 33P
Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 1; 11/09
logo
Texas Instruments
TPS65166 TI1-TPS65166 Datasheet
3Mb / 41P
Compact LCD Bias Supply for TFT-LCD TV Panels
logo
Maxim Integrated Produc...
MAX17113 MAXIM-MAX17113 Datasheet
1Mb / 30P
Low-Cost, Multiple-Output Power Supply for LCD TVs
Rev 0; 8/09
MAX17014A MAXIM-MAX17014A Datasheet
626Kb / 32P
Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 0; 8/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com