Electronic Components Datasheet Search
  English  ▼

X  

MP5600 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP5600
Description  Compact Multiple-Output Power Supply for TV-LCD panel
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5600 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP5600 Datasheet HTML 1Page - Monolithic Power Systems MP5600 Datasheet HTML 2Page - Monolithic Power Systems MP5600 Datasheet HTML 3Page - Monolithic Power Systems MP5600 Datasheet HTML 4Page - Monolithic Power Systems MP5600 Datasheet HTML 5Page - Monolithic Power Systems MP5600 Datasheet HTML 6Page - Monolithic Power Systems MP5600 Datasheet HTML 7Page - Monolithic Power Systems MP5600 Datasheet HTML 8Page - Monolithic Power Systems MP5600 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
MP5600-COMPACT MULTIPLE-OUTPUT POWER SUPPLY FOR TV-LCD PANEL
MP5600 Rev. 0.9
www.MonolithicPower.com
4
10/19/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN=12V, VOBUCK=3.3V, VOBOOST=16V, TA=25°C unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
POWER SUPPLY
Input Voltage Range
9
12
18
V
Quiescent Current
IQ
No SW (EN1=EN2=VCC,FSEL=0
VFBBK=VFBBT=VFBP=1.5V,VFBN=0)
3.5
mA
VIN Under-Voltage Lockout
VUVLO
IN rising, 200mV hysteresis
TBD
7.5
8.5
V
Shutdown Supply Current
IST
EN1=EN2=AGND
1200
µA
VCC REGULATOR
VCC Output Voltage
VCC
All regulators ready
4.8
5
5.2
V
VCC Source Current
ICC
50
mA
VCC UVLO
VCCUVLO
VCC rising, 200mV hysteresis
TBD
3.3
3.6
V
VREFERENCE
Reference Voltage
VREF
No load
1.214
1.227
1.241
V
VREF Load Regulation
0µA<ILoad<40µA
10
mV
VREF Max Source Current
External
40
µA
VREF Max Sink Current
External
10
µA
VREF UVLO
VR-UVLO
Rising edge
1.0
V
INTERNAL OSCILLATOR
FSEL=GND
360
450
540
Operating Frequency
fSW
FSEL = IN
540
675
810
kHz
FSEL= GND
85
Oscillator
Maximum
Duty
Cycle
DMAX
FSEL = IN
85
%
FSEL Logic Low Voltage
VFSELL
0.8
V
FSEL Logic High Voltage
VFSELH
2.2
V
FSEL Sink Current
10
µA
BOOST REGULATOR
Output Voltage Range
19.5
V
Min Turn-on Time
tON-MIN
100
nS
FBBT Regulation Voltage
VFBBT
1.214
1.227
1.241
V
FBBT Fault Threshold
VFBBT-L
Falling edge
1.0
V
FBBT Output Bias Current
IFBBT
VFB = 1.2V
1
100
nA
FBBT Trans-conductance
ΔI = +/-2.5μA at COMP
150
320
560
µS
FBBT Voltage Gain
FBBT to COMP
1400
V/V
SWBT On-Resistance
RON-BT
ISWBT = 500mA
60
100
m Ω
SWBT Leakage Current
ILKG-BT
VSWBT =20V
0.1
5
µA
SWBT Current Limit
ILIMIT-BT
5
A
Current-Sense
Trans-
resistance
0.2
V/A
Soft-Start Time
tSS-BT
FSEL=GND
4
ms
OVP
VOVP
19.2
19.5
19.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com