Electronic Components Datasheet Search
  English  ▼

X  

MP5600 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP5600
Description  Compact Multiple-Output Power Supply for TV-LCD panel
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5600 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP5600 Datasheet HTML 3Page - Monolithic Power Systems MP5600 Datasheet HTML 4Page - Monolithic Power Systems MP5600 Datasheet HTML 5Page - Monolithic Power Systems MP5600 Datasheet HTML 6Page - Monolithic Power Systems MP5600 Datasheet HTML 7Page - Monolithic Power Systems MP5600 Datasheet HTML 8Page - Monolithic Power Systems MP5600 Datasheet HTML 9Page - Monolithic Power Systems MP5600 Datasheet HTML 10Page - Monolithic Power Systems MP5600 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
MP5600-COMPACT MULTIPLE-OUTPUT POWER SUPPLY FOR TV-LCD PANEL
MP5600 Rev. 0.9
www.MonolithicPower.com
7
10/19/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
(Vin=12v, AVDD=16V, others see typical application diagram. Typical is at 25
°C)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
MODE
Current-Source
Stop
Voltage
Threshold
VLIMIT-M
MODE rising edge
2.5
V
DLY4 Turn-On Threshold
VTH-DLY4
1.2
V
GPT-to-GPO Voltage Gain
VGPO = 12V, VGPT = 1.2V
9
10
11
V/V
SEQUENCE CONTROL
EN1, EN2 Input H2L Voltage
VENL
0.6
V
EN1, EN2 Input L2H Voltage
VENH
2.2
V
EN1, EN2 Pull Down Current
IDOWN
10
µA
DLY1, DLY2, DLY3, DLY4 Charge Current
IDLY
VDLY1~4 =1V
6
µA
DLY1,
DLY2,
DLY3,
DLY4
Turn-on
Threshold
VTH-DLY
1.166
1.227
1.288
V
DLY1, DLY2, DLY3, DLY4 Discharge
Resistance
RDLY
EN1=GND or fault tripped
50
Ω
FAULT PROTECTION
Duration to Trigger Fault
32
ms
Duration to Restart After Fault
130
ms
Number of Restart Attempts
Optional
5
Thermal Shutdown,
TSD
Temperature rising
150
°C
Thermal Shutdown Hysteresis
20
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com