Electronic Components Datasheet Search
  English  ▼

X  

HF900GS Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # HF900GS
Description  900V Offline Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

HF900GS Datasheet(HTML) 4 Page - Monolithic Power Systems

  HF900GS Datasheet HTML 1Page - Monolithic Power Systems HF900GS Datasheet HTML 2Page - Monolithic Power Systems HF900GS Datasheet HTML 3Page - Monolithic Power Systems HF900GS Datasheet HTML 4Page - Monolithic Power Systems HF900GS Datasheet HTML 5Page - Monolithic Power Systems HF900GS Datasheet HTML 6Page - Monolithic Power Systems HF900GS Datasheet HTML 7Page - Monolithic Power Systems HF900GS Datasheet HTML 8Page - Monolithic Power Systems HF900GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
HF900 – 900V OFFLINE SWITCHING REGULATOR
HF900 Rev. 1.0
www.MonolithicPower.com
4
8/4/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
PACKAGE REFERENCE
TOP VIEW
TOP VIEW
PDIP8-7EP
SOIC14-11
ABSOLUTE MAXIMUM RATINGS (1)
DRAIN..........................................–0.3V to 900V
VCC ...............................................–0.3V to 30V
All other pins .................................–0.3V to 6.5V
Continuous power dissipation (TA = +25°C)
(2)
PDIP8-7EP .............................................. 1.47W
SOIC14-11............................................... 1.45W
Junction temperature ................................150
°C
Lead temperature .....................................260
°C
Storage temperature................ -60°C to +150
°C
ESD capability human body model .......... 2.0kV
ESD capability charged device model ...... 2.0kV
Recommended Operation Conditions
(3)
VCC to GND .............................10.1 V to 24.5 V
Operating junction temp (TJ) .. -40 °C to +125 °C
Thermal Resistance
(4)
θJA
θJC
PDIP8-7EP..............................68 ....... 7 ....
°C/W
SOIC14-11 ..............................70 ...... 35 ...
°C/W
NOTES:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com