Electronic Components Datasheet Search
  English  ▼

X  

HF900GS Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # HF900GS
Description  900V Offline Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

HF900GS Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button HF900GS Datasheet HTML 7Page - Monolithic Power Systems HF900GS Datasheet HTML 8Page - Monolithic Power Systems HF900GS Datasheet HTML 9Page - Monolithic Power Systems HF900GS Datasheet HTML 10Page - Monolithic Power Systems HF900GS Datasheet HTML 11Page - Monolithic Power Systems HF900GS Datasheet HTML 12Page - Monolithic Power Systems HF900GS Datasheet HTML 13Page - Monolithic Power Systems HF900GS Datasheet HTML 14Page - Monolithic Power Systems HF900GS Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
HF900 – 900V OFFLINE SWITCHING REGULATOR
HF900 Rev. 1.0
www.MonolithicPower.com
11
8/4/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
PDIP8-7EP
Pin #
SOIC14-11
Name
Description
1
6
FB
Feedback. The output voltage from the external compensation circuit
is fed into this pin. FB and the current sense signal from SOURCE
determines the PWM duty cycle. A feedback voltage of VOLP triggers
overload protection while VBURL triggers burst-mode operation. The
regulator exits burst-mode operation and enters normal operation
when the FB voltage reaches VBURH.
2
5
PRO
Input over-voltage protection. When voltage on PRO rises to VPRO,
the IC is shut down with hysteresis.
3
4
FSET
Switching converter frequency set. Connect a resistor to GND to
set the switching frequency up to 300kHz.
4
3
VCC
Supply voltage. Connect a 22μF bulk capacitor and a 0.1µF ceramic
capacitor for most applications. When VCC rises to VCCH, the IC starts
switching; when it falls below VCCL, the IC stops switching.
5
14
DRAIN
Drain of the internal MOSFET. Input for the start-up high-voltage
current source.
7
9
SOURCE
Source of the internal MOSFET. Input of the primary current sense
signal.
8
1,2,7,8
GND
IC ground.
13
NC
Not connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com