Electronic Components Datasheet Search
  English  ▼

X  

HF900GS Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # HF900GS
Description  900V Offline Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

HF900GS Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button HF900GS Datasheet HTML 3Page - Monolithic Power Systems HF900GS Datasheet HTML 4Page - Monolithic Power Systems HF900GS Datasheet HTML 5Page - Monolithic Power Systems HF900GS Datasheet HTML 6Page - Monolithic Power Systems HF900GS Datasheet HTML 7Page - Monolithic Power Systems HF900GS Datasheet HTML 8Page - Monolithic Power Systems HF900GS Datasheet HTML 9Page - Monolithic Power Systems HF900GS Datasheet HTML 10Page - Monolithic Power Systems HF900GS Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
HF900 – 900V OFFLINE SWITCHING REGULATOR
HF900 Rev. 1.0
www.MonolithicPower.com
7
8/4/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VCC Low Level vs.
Temperature
VCC OVP Threshold
Voltage vs. Temperature
FB to Current Division
Ratio vs. Temperature
FB Level Enter Burst
Mode vs. Temperature
VCC Re-Charge Level vs.
Temperature
Over Load Set Point vs.
Temperature
Over Load Delay Time vs.
Temperature
Fs=100kHz
FB Level Leave Burst
Mode vs. Temperature
VCC Upper Level vs.
Temperature
-50
0
50
100
150
-50
0
50
100
150
4.3
4.5
4.7
4.9
5.1
5.3
5.5
5.7
5.9
6.1
6.3
-50
0
50
100
150
2.9
3
3.1
3.2
3.3
3.4
3.5
3.6
-50
0
50
100
150
0.4
0.45
0.5
0.55
0.6
-50
0
50
100
150
0.6
0.62
0.64
0.66
0.68
0.7
0.72
0.74
0.76
0.78
0.8
-50
0
50
100
150
3.5
3.55
3.6
3.65
3.7
3.75
3.8
3.85
3.9
3.95
4
-50
0
50
100
150
80
80.5
81
81.5
82
82.5
83
83.5
84
84.5
85
-50
0
50
100
150
12.4
12.6
12.8
13.0
13.2
13.4
13.6
-50
0
50
100
150
9.0
9.1
9.2
9.3
9.4
9.5
9.6
25.5
25.6
25.7
25.8
25.9
26.0
26.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com