Electronic Components Datasheet Search
  English  ▼

X  

HF900GS Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # HF900GS
Description  900V Offline Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

HF900GS Datasheet(HTML) 1 Page - Monolithic Power Systems

  HF900GS Datasheet HTML 1Page - Monolithic Power Systems HF900GS Datasheet HTML 2Page - Monolithic Power Systems HF900GS Datasheet HTML 3Page - Monolithic Power Systems HF900GS Datasheet HTML 4Page - Monolithic Power Systems HF900GS Datasheet HTML 5Page - Monolithic Power Systems HF900GS Datasheet HTML 6Page - Monolithic Power Systems HF900GS Datasheet HTML 7Page - Monolithic Power Systems HF900GS Datasheet HTML 8Page - Monolithic Power Systems HF900GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
HF900
900V Offline Switching Regulator
HF900 Rev. 1.0
www.MonolithicPower.com
1
8/4/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The HF900 is a flyback regulator with an
integrated 900V MOSFET. Requiring a minimum
number of external components, the HF900
provides excellent power regulation in AC/DC
applications that require high reliability. These
applications
include
smart
meters,
large
appliances, industrial controls, and products
powered by unstable AC grids.
The regulator uses peak-current-mode control to
provide excellent transient response and easy
loop compensation. When the output power falls
below a given level, the regulator enters burst
mode to lower the standby power consumption.
The MPS proprietary 900V monolithic process
enables over-temperature protection (OTP) on
the same silicon of the 900V power FET, offering
precise thermal protection. Also, it offers a full
suite of protection features such as VCC under-
voltage lockout, over-load protection, over-
voltage protection, and short-circuit protection.
The
HF900
is
designed
to
minimize
electromagnetic
interference
for
wireless
communication in home and building automation
applications.
The
operating
frequency
is
programmed externally with a single resistor, so
the power supply’s radiated energy can be
designed to avoid the interference with wireless
communication.
In addition to the programmable frequency, the
HF900 employs a frequency jittering function that
not only greatly reduces the noise level but also
reduces the cost of the EMI filter.
The HF900 is available in SOIC14-11 and
PDIP8-7EP packages.
FEATURES
• Internal Integrated 900V MOSFET
• Programmable Fixed Switching Frequency up
to 300kHz
• Frequency Jittering
• Current-Mode Operation
• Internal High-Voltage Current Source
• Low Standby Power Consumption via Active
Burst Mode
• Internal Leading Edge Blanking
• Built-In Soft-Start Function
• Internal Slope Compensation
• Built-In Input Over-Voltage Protection
• Over-Temperature Protection (OTP)
• VCC Under-Voltage Lockout with Hysteresis
• Over-Voltage Protection on VCC
• Time-Based Overload Protection
• Short-Circuit Protection (SCP)
APPLICATIONS
• Smart Power Meters
• Large Appliances
• Industrial Controls
• All AC/DC Supplies Sold Where Power Grid
may be Unstable
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks
of Monolithic Power Systems, Inc.


Similar Part No. - HF900GS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
HF920 MPS-HF920 Datasheet
1Mb / 26P
900V, Fixed-Frequency, Offline Regulator w/ Ultra-Low Standby Power Consumption
logo
Hongfa Technology
HF92F HONGFA-HF92F Datasheet
77Kb / 3P
MINIATURE INTERMEDIATE POWER RELAY
HF92F HONGFA-HF92F Datasheet
70Kb / 4P
MINIATURE INTERMEDIATE POWER RELAY
HF92F-012A-2A11F HONGFA-HF92F-012A-2A11F Datasheet
69Kb / 4P
MINIATURE INTERMEDIATE POWER RELAY
HF92F-012A-2A11S HONGFA-HF92F-012A-2A11S Datasheet
69Kb / 4P
MINIATURE INTERMEDIATE POWER RELAY
More results

Similar Description - HF900GS

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7076 NTE-NTE7076 Datasheet
22Kb / 2P
Integrated Circuit Module - 100W Offline Switching Regulator
logo
Sanyo Semicon Device
STK7406 SANYO-STK7406 Datasheet
131Kb / 2P
Thick Film Hybrid IC Offline Switching Regulator
logo
Linear Technology
LT1103 LINER-LT1103 Datasheet
452Kb / 32P
Offline Switching Regulator
logo
Sanyo Semicon Device
STK73605I SANYO-STK73605I Datasheet
72Kb / 2P
OFFLINE SWITCHING
STK7458 SANYO-STK7458 Datasheet
180Kb / 5P
OFFLINE SWITCHING
STK7309 SANYO-STK7309 Datasheet
155Kb / 1P
OFFLINE SWITCHING REGULATOR FOR COLOR TV USE
logo
Linear Technology
LT1103 LINER-LT1103_15 Datasheet
381Kb / 32P
Offline Switching Regulator
LT1105 LINER-LT1105_15 Datasheet
381Kb / 32P
Offline Switching Regulator
logo
Monolithic Power System...
MP110 MPS-MP110 Datasheet
2Mb / 23P
900V Offline Switching Regulator
HF920 MPS-HF920 Datasheet
1Mb / 26P
900V, Fixed-Frequency, Offline Regulator w/ Ultra-Low Standby Power Consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com