Electronic Components Datasheet Search
  English  ▼

X  

HF900GS Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # HF900GS
Description  900V Offline Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

HF900GS Datasheet(HTML) 5 Page - Monolithic Power Systems

  HF900GS Datasheet HTML 1Page - Monolithic Power Systems HF900GS Datasheet HTML 2Page - Monolithic Power Systems HF900GS Datasheet HTML 3Page - Monolithic Power Systems HF900GS Datasheet HTML 4Page - Monolithic Power Systems HF900GS Datasheet HTML 5Page - Monolithic Power Systems HF900GS Datasheet HTML 6Page - Monolithic Power Systems HF900GS Datasheet HTML 7Page - Monolithic Power Systems HF900GS Datasheet HTML 8Page - Monolithic Power Systems HF900GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
HF900 – 900V OFFLINE SWITCHING REGULATOR
HF900 Rev. 1.0
www.MonolithicPower.com
5
8/4/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VCC =12V, TJ=-40°C~125°C, Min & Max are guaranteed by characterization, typical is tested under
25°C, unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Start-Up Current Source (DRAIN)
Supply current from DRAIN
ICharge
VCC = 6V; VDrain = 400V
1.35
2
3.1
mA
Leakage current from DRAIN
ILeak
VCC = 13V; VDrain = 400V
15
30
μA
Breakdown voltage
V(BR)DSS
Ileakage = 100μA
900
V
TJ = 25°C
13
17
Ω
On-state resistance
RDS(ON)
VCC = 10.1V;
IDrain = 100mA
TJ = 125°C
22
26
Ω
Supply Voltage Management (VCC)
VCC upper level where the
IC switches on
VCCH
11.5
13.0
14.5
V
VCC lower level where the
IC switches off
VCCL
8.9
9.4
10.1
V
VCC hysteresis
VCC_HYS
2.7
3.6
4.6
V
VCC OVP level
VOVP
24.5
26.0
27.3
V
VCC re-charge level where
the protection occurs
VCCR
4.5
5.3
6
V
Quiescent current at
protection phase
IPro
VCC = 6V
700
μA
Quiescent current
IQ
VCC = 13V
780
980
µA
Operation current
ICC
VCC = 13V; fS = 100kHz
1.7
2
mA
Feedback Management (FB)
Internal pull-up resistor
RFB
10
kΩ
Internal pull-up voltage
VUP
3.8
4.1
4.4
V
FB
to
current-set-point
division ratio
Idiv
3.3
3.6
Internal soft-start time
TSS
3
ms
FB decreasing level where
the regulator enters burst
mode
VBURL
0.4
0.5
0.6
V
FB increasing level where the
regulator leaves burst mode
VBURH
0.58
0.70
0.86
V
Overload set point
VOLP
3.5
3.8
4.1
V
Overload delay time
TDelay
fS = 100kHz
82
ms
Timing Resistor (FSET)
FSET reference voltage
VFSET
1.15
1.23
1.3
V
Frequency spectrum jittering
range in percentage of Fs
RJittering
Example: fS = 100kHz, then
jittering is ±4kHz
±4
%
Typical operating frequency
fS
TJ = 25°C; RFSET = 100kΩ
90
104
118
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com