Electronic Components Datasheet Search
  English  ▼

X  

HR1001CGS Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # HR1001CGS
Description  Enhanced LLC Controller with Adaptive Dead-Time Control, Capacitive Mode Protection and Enhanced Surge Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

HR1001CGS Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button HR1001CGS Datasheet HTML 16Page - Monolithic Power Systems HR1001CGS Datasheet HTML 17Page - Monolithic Power Systems HR1001CGS Datasheet HTML 18Page - Monolithic Power Systems HR1001CGS Datasheet HTML 19Page - Monolithic Power Systems HR1001CGS Datasheet HTML 20Page - Monolithic Power Systems HR1001CGS Datasheet HTML 21Page - Monolithic Power Systems HR1001CGS Datasheet HTML 22Page - Monolithic Power Systems HR1001CGS Datasheet HTML 23Page - Monolithic Power Systems HR1001CGS Datasheet HTML 24Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
HR1001C
– ENHANCED LLC CONTROLLER
HR1001C Rev.1.0
www.MonolithicPower.com
20
2/6/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Operating
in
burst
mode
requires
setting
BURST. If the voltage on BURST (VBURST)
drops below the internal threshold (VBurst), the
HR1001C shuts down the HG and LG gate
drive outputs, leaving only the 2V reference
voltage on FSET and SS to retain the previous
state and minimize the power consumption.
When VBURST exceeds VBurst over 30mV (VBurst-
hys), the HR1001C resumes normal operation.
Based on the burst mode operating principle,
BURST must be connected to the feedback
loop.
Figure
18
shows
a
typical
circuit
connecting BURST to the feedback signal for
narrow input voltage range applications.
HR1001C
4
5
Fset
Burst
Rfmin
Rfmax
Figure 18: Burst Mode Operation Set-Up
In addition to setting the oscillator maximum
frequency at start-up, Rfmax and determines the
maximum
burst
mode
frequency.
After
confirming fmax, calculate Rfmax with Equation
(19):
min
max
max
min
Rf
3
Rf
f
8
1
f

(19)
Here, fmax corresponds to a load point (PBurst),
where the peak current flow through the
transformer is too low to cause audible noise.
So far, this section has been based on a narrow
input voltage range. As a property of the
resonant circuit, the input voltage determines
the switching frequency. This means PBurst has
a large variance over the wide input voltage
range. To stabilize PBurst over the input range,
use the circuit in Figure 19 to insert the input
voltage signal into the feedback loop.
FSET
BO
HR1001C
Css
Rss
Rfmin
Rfmax
BURST
Cburst
Vin
RH
RL
RB1
RB2
Figure 19: Burst Mode Operation Set-Up for a
Wide Input Voltage Range
RB1 and RB2 in Figure 19 correct against the
wide input voltage range. Select both resistors
based
on
experimental
results.
The
total
resistance of RB1 and RB2 should be much
larger than RH to minimize the effect on VBO.
During burst mode operation, when the load is
lower than PBurst, the switching frequency is
clamped at the maximum frequency. The output
voltage must rise over the setting value, which
increases the current flowing through the
optocoupler. Therefore, the voltage on Rfmax
rises due to the increased phototransistor
current.
Then
VBURST
drops
below
VBurst,
triggering the gate signal off state. Until the
output voltage falls below the setting value, the
current flow through the optocoupler decreases,
causing VBURST to rise. When VBURST exceeds
VBurst over 30mV, the IC restarts to generate the
gate signal. The IC operates in this mode under
no load or light load to decrease average power
consumption.
Latch Operation
The HR1001C provides a simple latch-off
function through LATCH. Applying an external
voltage over VLATCH causes the IC to enter a
latched shutdown. After the IC is latched, its
consumption drops, as shown by the residual
current in the Electrical Characteristics table on
page 5. Resetting the IC requires dropping the
VCC voltage below the UVLO threshold (see
the latch internal block diagram in Figure 20).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com