Electronic Components Datasheet Search
  English  ▼

X  

HR1001CGS Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # HR1001CGS
Description  Enhanced LLC Controller with Adaptive Dead-Time Control, Capacitive Mode Protection and Enhanced Surge Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

HR1001CGS Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button HR1001CGS Datasheet HTML 3Page - Monolithic Power Systems HR1001CGS Datasheet HTML 4Page - Monolithic Power Systems HR1001CGS Datasheet HTML 5Page - Monolithic Power Systems HR1001CGS Datasheet HTML 6Page - Monolithic Power Systems HR1001CGS Datasheet HTML 7Page - Monolithic Power Systems HR1001CGS Datasheet HTML 8Page - Monolithic Power Systems HR1001CGS Datasheet HTML 9Page - Monolithic Power Systems HR1001CGS Datasheet HTML 10Page - Monolithic Power Systems HR1001CGS Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
HR1001C
– ENHANCED LLC CONTROLLER
HR1001C Rev.1.0
www.MonolithicPower.com
7
2/6/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VCC = 13V, CHG = CLG = 1nF, CT = 470pF, RFSET = 12kΩ, TJ = -40°C ~ 125°C, min and max values
guaranteed by characterization, typical value tested under 25°C, unless otherwise specified.
Parameter
Symbol
Condition
Min
Typ
Max
Units
High-Side Gate Driver (HG, Referenced to SW)
Peak source current (5)
IHG-source-pk
0.74
A
Peak sink current (5)
IHG-sink-pk
0.87
A
Sourcing resistor
RHG-source
HG_R @ Isrc = 0.01A
4
Ω
Sinking resistor
RHG-sink
HG_R @ Isnk = 0.01A
2
Ω
Fall time
tHG-f
30
ns
Rise time
tHG-r
30
ns
Thermal Shutdown
Thermal shutdown threshold (5)
150
°C
Thermal shutdown recovery
threshold (5)
120
°C
NOTE:
5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com