Electronic Components Datasheet Search
  English  ▼

X  

HR1001CGS Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # HR1001CGS
Description  Enhanced LLC Controller with Adaptive Dead-Time Control, Capacitive Mode Protection and Enhanced Surge Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

HR1001CGS Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button HR1001CGS Datasheet HTML 9Page - Monolithic Power Systems HR1001CGS Datasheet HTML 10Page - Monolithic Power Systems HR1001CGS Datasheet HTML 11Page - Monolithic Power Systems HR1001CGS Datasheet HTML 12Page - Monolithic Power Systems HR1001CGS Datasheet HTML 13Page - Monolithic Power Systems HR1001CGS Datasheet HTML 14Page - Monolithic Power Systems HR1001CGS Datasheet HTML 15Page - Monolithic Power Systems HR1001CGS Datasheet HTML 16Page - Monolithic Power Systems HR1001CGS Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
HR1001C
– ENHANCED LLC CONTROLLER
HR1001C Rev.1.0
www.MonolithicPower.com
13
2/6/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
APPLICATION INFORMATION
Oscillator
Figure 2 shows the oscillator block diagram. A
modulated current charges and discharges the
CT capacitor repeatedly between its peak valley
thresholds, which determines the oscillator
frequency.
VREF
R
S
Q
Iset
-
+
-
+
Iset
2Iset
VCFv
VCFp
CT
Fset
GND
CT
HR1001C
Css
Rss
Rfmin
Rfmax
Is-1
Is-2
Figure 2: Oscillator Block Diagram
FSET sets the CT charging current, Iset (IS-1).
When CT passes its peak threshold (VCFp), the
flip-flop is set, and a discharge current source
twice the charge current is enabled. The
difference between these two currents forces
the charge and discharge of CT to be equal.
When the voltage on the CT capacitor falls
below its valley threshold (VCFv), the flip-flop is
reset and turns off IS-2. This starts a new
switching cycle. Figure 3 shows the detailed
waveform of the oscillator.
TD
CT
LG
HG
SW
t
t
t
t
Figure 3: CT Waveform and Gate Signal
An R-C network connected to FSET externally
determines the normal switching frequency and
the soft-start switching frequency.
Rfmin from FSET to GND contributes to the
maximum
resistance
of
the
external
R-C
network when the phototransistor does not
conduct. This sets the FSET minimum source
current, which defines the minimum switching
frequency.
Under normal operation, the phototransistor
adjusts the current flow through Rfmax to
modulate the frequency for output voltage
regulation.
When
the
phototransistor
is
saturated, the current through Rfmax is at its
maximum, which sets the frequency at its
maximum.
An R-C in series connected between FSET and
GND shifts the frequency at start-up. Please
see the Soft-Start Operation section on page 14
for details.
Set the minimum and maximum frequencies
with Equation (1) and Equation (2):
min
min
1
f
3 CT Rf

(1)
max
min
max
1
f
3 CT (Rf
|| Rf
)

(2)
Typically, the CT capacitance is between 0.1nF
and 1nF. Calculate the values of Rfmin and Rfmax
with Equation (3) and Equation (4):
min
min
1
Rf
3 CT f

(3)
min
max
max
min
Rf
Rf
f
1
f
(4)
It is recommended to use a CT capacitor
(
≤330pF)
for
best
overall
temperature
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com