Electronic Components Datasheet Search
  English  ▼

X  

HR1001CGS Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # HR1001CGS
Description  Enhanced LLC Controller with Adaptive Dead-Time Control, Capacitive Mode Protection and Enhanced Surge Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

HR1001CGS Datasheet(HTML) 5 Page - Monolithic Power Systems

  HR1001CGS Datasheet HTML 1Page - Monolithic Power Systems HR1001CGS Datasheet HTML 2Page - Monolithic Power Systems HR1001CGS Datasheet HTML 3Page - Monolithic Power Systems HR1001CGS Datasheet HTML 4Page - Monolithic Power Systems HR1001CGS Datasheet HTML 5Page - Monolithic Power Systems HR1001CGS Datasheet HTML 6Page - Monolithic Power Systems HR1001CGS Datasheet HTML 7Page - Monolithic Power Systems HR1001CGS Datasheet HTML 8Page - Monolithic Power Systems HR1001CGS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
HR1001C
– ENHANCED LLC CONTROLLER
HR1001C Rev.1.0
www.MonolithicPower.com
5
2/6/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VCC = 13V, CHG = CLG = 1nF, CT = 470pF, RFSET = 12kΩ, TJ = -40°C ~ 125°C, min and max values
guaranteed by characterization, typical value tested under 25°C, unless otherwise specified.
Parameter
Symbol
Condition
Min
Typ
Max
Units
IC Supply Voltage (VCC)
VCC operating range
8.9
15.5
V
VCC high threshold, IC switch on
VCCH
10.3
11
11.7
V
VCC low threshold, IC switch off
VCCL
7.5
8.2
8.9
V
Hysteresis
VCC-hys
2.8
V
IC Supply Current (VCC)
Start-up current
Istart-up
Before the device turns on,
VCC = VCCH - 0.2V
250
320
μA
Quiescent current
Iq
Device on, VBurst < 1.23V,
RFSET = 12k
Ω, FMIN = 60kHz
1.2
1.5
mA
Iq-f
Device on, VBurst < 1.23V,
RFSET = 3.57k
Ω,
FBURST = 200kHz
1.42
1.8
mA
Operating current
ICC-nor
Device on, VBurst = VFSET
3
5
mA
Residual consumption
IFault
VCC < 8.2V or VLATCH > 1.85V
or VCS > 1.5V or VTIMER > 3.5V
or VBO < 1.81V or VBO > 5.5V
or OTP
240
350
420
μA
High-Side Floating Gate Driver Supply (BST and SW)
BST leakage current
ILK-BST
VBST = 600V, TJ = 25°C
14
µA
SW leakage current
ILK-SW
VSW = 582V, TJ = 25°C
14
µA
Current Sensing (CS)
Input bias current
ICS
VCS = 0 to VCS-OCP
2
µA
Frequency shift threshold
VCS-OCR
0.71
0.78
0.85
V
OCP threshold
VCS-OCP
1.41
1.5
1.59
V
Current polarity comparator
reference when HG turns off
VCSPR
50
85
131
mV
Current polarity comparator
reference when LG turns off
VCSNR
-131
-85
-50
mV
Line Voltage Sensing (BO)
Start-up threshold voltage
VBO-On
2.30
2.40
V
Turn-off threshold voltage
VBO-Off
1.72
1.81
V
Clamp level
VBO-Clamp
5.1
5.5
5.9
V
Latch Function (LATCH)
Input bias current (VLATCH = 0 to Vth)
ILATCH
1
µA
LATCH threshold
VLATCH
1.72
1.85
1.95
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com