Electronic Components Datasheet Search
  English  ▼

X  

HR1001CGS Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # HR1001CGS
Description  Enhanced LLC Controller with Adaptive Dead-Time Control, Capacitive Mode Protection and Enhanced Surge Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

HR1001CGS Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button HR1001CGS Datasheet HTML 17Page - Monolithic Power Systems HR1001CGS Datasheet HTML 18Page - Monolithic Power Systems HR1001CGS Datasheet HTML 19Page - Monolithic Power Systems HR1001CGS Datasheet HTML 20Page - Monolithic Power Systems HR1001CGS Datasheet HTML 21Page - Monolithic Power Systems HR1001CGS Datasheet HTML 22Page - Monolithic Power Systems HR1001CGS Datasheet HTML 23Page - Monolithic Power Systems HR1001CGS Datasheet HTML 24Page - Monolithic Power Systems HR1001CGS Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
HR1001C
– ENHANCED LLC CONTROLLER
HR1001C Rev.1.0
www.MonolithicPower.com
21
2/6/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
HR1001C
8
LATCH
+
-
R
S
Q
Disable
VLATCH
UVLO
Figure 20: Latch Function Block
High-Side Gate Driver
The external BST capacitor provides energy to
the
high-side
gate
driver.
An
integrated
bootstrap diode charges this capacitor through
VCC. This diode simplifies the external driving
circuit for the high-side switch, allowing the BST
capacitor to charge when the low-side MOSFET
is on (see the high-side gate driver internal
block diagram in Figure 21).
To
provide
enough
gate
driver
energy
(considering the BST capacitor charge time),
use a 100nF to 470nF capacitor for the BST
capacitor.
High-Side
Driver
Level
Shifter
VCC
BST
HG
SW
CBST
12
16
15
14
HR1001C
Figure 21: High-Side Gate Driver
Low-Side Gate Driver
LG provides the gate driver signal for the low-
side MOSFET. The maximum absolute rating
table shows the maximum voltage on LG is 16V.
Under some conditions, a large voltage spike
occurs on LG due to oscillations from the long
gate
driver
wire,
the
MOSFET
parasitic
capacitance, and the small gate driver resistor.
This voltage spike is dangerous to LG, so a 15V
Zener
diode
close
to
LG
and
GND
is
recommended (see Figure 22).
Low-Side
Driver
LG
Vs
Rg
15V
Cgs
Cgd
Cds
SW
GND
HR1001C
11
10
Figure 22: Low-Side Gate Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com