Electronic Components Datasheet Search
  English  ▼

X  

MP023 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP023
Description  Primary Side CC/CV Flyback Controller with High Voltage Current Source and Programmable Cable Compensation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP023 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP023 Datasheet HTML 13Page - Monolithic Power Systems MP023 Datasheet HTML 14Page - Monolithic Power Systems MP023 Datasheet HTML 15Page - Monolithic Power Systems MP023 Datasheet HTML 16Page - Monolithic Power Systems MP023 Datasheet HTML 17Page - Monolithic Power Systems MP023 Datasheet HTML 18Page - Monolithic Power Systems MP023 Datasheet HTML 19Page - Monolithic Power Systems MP023 Datasheet HTML 20Page - Monolithic Power Systems MP023 Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
MP023 – PRIMARY-SIDE CC/CV CONTROLLER
MP023 Rev. 1.1
www.MonolithicPower.com
17
7/18/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
APPLICATION INFORMATION
Input Filter
The input filter helps to convert the AC input
voltage to DC voltage. Figure 11 shows the
input filter, and Figure 12 shows the typical DC
bus voltage waveform after the rectifier.
Figure 11: Input Filter
Figure 12: DC Input Voltage Waveform
The bulk capacitors (C1 and C2) filter the
rectified AC input. The inductor (L) forms a pi (π)
filter with C1 and C2 to restrain the differential
mode EMI noise. The resistor (R) in parallel
with L restrains the mid-frequency band EMI
noise. Normally, R is 1kΩ to 10kΩ.
Usually C1 and C2 are set at 2µF/W to 3µF/W
for a universal input condition. For 230VAC
single-range applications, cut the capacitor
values in half.
A low DC input voltage causes insufficient
output current due to the maximum on-duty
limitation of the secondary side. To avoid this
situation, calculate the minimum input DC
voltage with Equation (11):
p
SMax
DC(min)
O
D
sS Max
N
D
V(V
V )
N1 D

(11)
If VDC(min) cannot satisfy this expression, use
larger input capacitors to increase VDC(min).
Output Capacitor
Low or very low ESR output capacitors are
recommended to meet the output voltage ripple
requirements. Low ESR capacitors improve the
output voltage regulation accuracy at high or
low temperatures. Output capacitors with an
ESR of tens of mΩ provide better efficiency
than high ESR output capacitors.
Output Diode or Synchronous Rectifier
Schottky diodes are recommended for their fast
switching speeds and low forward-voltage
drops for better high or low temperature CV
regulation and efficiency.
If lower average efficiency (3% to 4%) is
acceptable, replace the output diode with a fast
or ultra-fast diode to reduce cost. Re-adjust the
resistor divider values for an accurate output
voltage since the forward voltage drop is higher
than the Schottky diode.
If the circuit has a high efficiency requirement, it
is recommended to use a synchronous rectifier
(SR) instead. The MP6906 is a suitable SR
controller where the output voltage is low and
there is no need for a secondary auxiliary
winding. Figure 13 shows a typical SR circuit.
The MP6906 is available in a SOT23-6 package,
which does not require extra PCB dimensions
or external components.
Figure 13: Synchronous Rectifier
Leakage Inductance
The
transformer’s
leakage
inductance
decreases system efficiency and affects either
the output current or voltage constant precision.
The transformer structure can be optimized to
minimize the leakage inductance. The leakage
inductance should be less than 5% of the
primary inductance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com