Electronic Components Datasheet Search
  English  ▼

X  

MP023 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP023
Description  Primary Side CC/CV Flyback Controller with High Voltage Current Source and Programmable Cable Compensation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP023 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP023 Datasheet HTML 1Page - Monolithic Power Systems MP023 Datasheet HTML 2Page - Monolithic Power Systems MP023 Datasheet HTML 3Page - Monolithic Power Systems MP023 Datasheet HTML 4Page - Monolithic Power Systems MP023 Datasheet HTML 5Page - Monolithic Power Systems MP023 Datasheet HTML 6Page - Monolithic Power Systems MP023 Datasheet HTML 7Page - Monolithic Power Systems MP023 Datasheet HTML 8Page - Monolithic Power Systems MP023 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
MP023 – PRIMARY-SIDE CC/CV CONTROLLER
MP023 Rev. 1.1
www.MonolithicPower.com
5
7/18/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VCC = 15V, TJ = -40 ~125
℃
℃
, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Supply Voltage Management (VCC Pin)
VCC ON threshold
VCCH
18.8
19.4
20.0
V
VCC OFF threshold
VCCL
8.2
8.7
9.2
V
fS-min, CL=1nF
245
300
μA
Operating current
IOP
fs = 40kHz, CL=1nF
1
1.3
mA
High Voltage Current Source (HV Pin)
Break-down voltage
VBRDSS
700
V
Supply current from HV pin
VCC=18V, VHV=80V, TJ=25℃
1.8
2.2
2.6
mA
Leakage current from HV pin
Ileak
VDS=400Vdc, TJ=25℃
10
µA
Driving (Drv Pin)
Driver voltage high level
VHigh
CL=1nF VCC=9.5V
7.2
7.8
V
Driver voltage clamp level
VClamp
CL=1nF, VCC=24V
12
13.4
15
V
Driver voltage low level
VLow
CL=1nF, VCC=24V
50
mV
Driver voltage rise time
tR
CL=1nF
30
ns
Driver voltage fall time
tF
CL=1nF
40
ns
Maximum ON time
tONmax
VCS=0V
22
36
50
us
Minimum switching frequency
fS-min
72
105
Hz
Current Sense (CS Pin)
VLimit-Max fS >= fS-H
464
480
496
mV
Current limit
VLimit-Min fS <= fS-L
220
250
280
mV
fs to start the current fold back
fS-H
30
40
50
kHz
fs to end the current fold back
fS-L
20
kHz
Propagation delay to Drv
tPD
60
95
ns
Leading edge blanking
tLEB
180
280
380
ns
Feedback input (FB Pin)
VFB = 4V, VCP=2V
12
μA
VFB = 4V, VCP=1.5V
9
μA
VFB = 4V, VCP=0.8V
4.6
μA
FB pin input current
IFB
VFB = 4V, VCP=0.2V
1.2
μA
FB reference voltage
VFB
3.90
3.96
4.02
V
OLP threshold at sampled FB
(5)
VFBolp
1.38
V
OLP counter
(1)
768
FB sampling duration
tFB_SD
180
250
330
ns
RCS=0, VLimit=0.5V
2.50
3.45
4.70
RCS=1k, VLimit=0.5V
1.70
2.58
3.50
RCS=2k, VLimit=0.5V
3.60
5.20
7.00
FB maximum sampling time
tFBS-Max
RCS=4k, VLimit=0.5V
5.00
7.00
9.20
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com