Electronic Components Datasheet Search
  English  ▼

X  

MP023 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP023
Description  Primary Side CC/CV Flyback Controller with High Voltage Current Source and Programmable Cable Compensation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP023 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP023 Datasheet HTML 14Page - Monolithic Power Systems MP023 Datasheet HTML 15Page - Monolithic Power Systems MP023 Datasheet HTML 16Page - Monolithic Power Systems MP023 Datasheet HTML 17Page - Monolithic Power Systems MP023 Datasheet HTML 18Page - Monolithic Power Systems MP023 Datasheet HTML 19Page - Monolithic Power Systems MP023 Datasheet HTML 20Page - Monolithic Power Systems MP023 Datasheet HTML 21Page - Monolithic Power Systems MP023 Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
MP023 – PRIMARY-SIDE CC/CV CONTROLLER
MP023 Rev. 1.1
www.MonolithicPower.com
18
7/18/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
RCD Snubber
The transfomer’s leakage inductance causes
MOSFET drain voltage spikes and excessive
ringing on the drain voltage waveform, which
affects the output voltage sampling after the
primary MOSFET turns off.
The RCD snubber circuit limits the drain voltage
spike. Figure 14 shows the RCD snubber circuit.
Figure 14: RCD Snubber
Select RSN and CSN to meet the voltage spike
requirements and improve system operation.
The power dissipated in the snubber circuit can
be approximated with Equation (12):
2
SN
SN
K PK
S
SN
PS
O
V
1
PL I
f
2V
N V
(12)
Where LK is the leakage inductance, VSN is the
clamp voltage, and NPS is the turn ratio of the
primary-to-secondary side.
Since RSN consumes the majority of the power,
calculate RSN with Equation (13):
2
SN
SN
SN
V
R
P
(13)
The maximum ripple of the snubber capacitor
voltage is then calculated with Equation (14):
SN
SN
SN
SN S
V
V
CR f

(14)
Generally, a 15% ripple is reasonable. The
previous equation can also be used to estimate
CSN.
Select a time constant (t = RSNxCSN) less than
0.1ms for better CV sampling.
The RCD resistor is a trade-off based on the
power loss and the acceptable clamp voltage in
practical applications.
The damping resistor in series with the RCD
has a relatively large value to prevent any
excessive voltage ringing that can affect the CV
sampling and increase the output ripple. Use a
damping resistor value in the range of 100Ω to
500Ω to restrain the drain voltage ringing.
Divided Resistor
For better application performance, select the
resistor divider values from 10kΩ to 100kΩ to
limit noise from adjacent components on FB. An
RC filter can be inserted between the resistor
divider and FB to sense purified voltage. The
CFB value is recommended to be several pF,
and RFB is recommended to be between 1kΩ
and 2kΩ. RFB can also limit substrate injection
current effects (see Figure 15).
Figure 15: Feedback Resistor Divider Circuit
For accurate CV regulation, the accuracy of
these feedback resistors should be at least 1%.
Dummy Load
When the system operates without any load,
the output voltage rises above normal operation
because of the minimum switching frequency
limitation. Use a dummy load for good load
regulation. The dummy load is a trade-off
between efficiency and load regulation. For
example, a large dummy load can deteriorate
efficiency and the no-load consumption. For
most applications, several mWs for a dummy
load is reasonable.
Maximum Switching Frequency
The maximum switching frequency should be
limited by the sampling point. Figure 7 and EC
table show the relationship of RCS and the
sampling point. The secondary on time must be
longer than the maximum TFBS-Max. Calculate
TS_ON with Equation (15):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com