Electronic Components Datasheet Search
  English  ▼

X  

MP023 Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP023
Description  Primary Side CC/CV Flyback Controller with High Voltage Current Source and Programmable Cable Compensation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP023 Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP023 Datasheet HTML 15Page - Monolithic Power Systems MP023 Datasheet HTML 16Page - Monolithic Power Systems MP023 Datasheet HTML 17Page - Monolithic Power Systems MP023 Datasheet HTML 18Page - Monolithic Power Systems MP023 Datasheet HTML 19Page - Monolithic Power Systems MP023 Datasheet HTML 20Page - Monolithic Power Systems MP023 Datasheet HTML 21Page - Monolithic Power Systems MP023 Datasheet HTML 22Page - Monolithic Power Systems MP023 Datasheet HTML 23Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
MP023 – PRIMARY-SIDE CC/CV CONTROLLER
MP023 Rev. 1.1
www.MonolithicPower.com
20
7/18/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUIT
1uF/10V
C9
FR107
D2
PGND
AGND
PGND
PGND
PGND
22uF/50V
C7
Np:Np_au:Nsec=90:12:5
Lp=0.71mH
Np
Nsec
Np_au
NC
C10
CR1
10K/0805
R1
27K/1%
R13
1000V/1A
EPC17
600V/0.5A
5V/2.4A
85VAC~265VAC
PGND
100nF/50V
C6
HV
8
GND
6
CS
1
FB
5
DRV
2
VCC
4
CP
3
U1
MP023/SO8-7
10/1206
R4
PGND
1uF
C3
PGND
D4
NC
NC
R15
5
8
T1
T1
NC
D1
AGND
250V/1A
1mH
L1
100K/1206
R5
1nF/1206
C5
10K
R9
0
R7
1/1%/1206
R10
1.8/1%/1206
R8
NC
R3
22pF
C4
PGND
22pF
C8
D6
D5
NC
R14
5.1K
R16
1nF
CY1
0/1206
R11
1
3
4
5
M1
700V
560uF
C11
560uF
C12
10/1206
R18
LL
5
VDD
3
PGND
6
VD
4
VG
1
VSS
2
U2
MP6906
NC
D7
AGND
10/1206
R19
JP1
JP2
L
N
Vout
AGND
10uF
C1
10uF
C2
2.2uF
C13
1nF
C14
10K
R21
100K
R17
100/1206
R6
13K/1%
R12
470pF/50V
C15
3K
R20
60V
D3
FR1
M2
0/1206
R2
Figure 17: Typical Application—Universal Input, 5V/2.4A Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com