Electronic Components Datasheet Search
  English  ▼

X  

MP023 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP023
Description  Primary Side CC/CV Flyback Controller with High Voltage Current Source and Programmable Cable Compensation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP023 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP023 Datasheet HTML 15Page - Monolithic Power Systems MP023 Datasheet HTML 16Page - Monolithic Power Systems MP023 Datasheet HTML 17Page - Monolithic Power Systems MP023 Datasheet HTML 18Page - Monolithic Power Systems MP023 Datasheet HTML 19Page - Monolithic Power Systems MP023 Datasheet HTML 20Page - Monolithic Power Systems MP023 Datasheet HTML 21Page - Monolithic Power Systems MP023 Datasheet HTML 22Page - Monolithic Power Systems MP023 Datasheet HTML 23Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
MP023 – PRIMARY-SIDE CC/CV CONTROLLER
MP023 Rev. 1.1
www.MonolithicPower.com
19
7/18/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
SM
S_ ON
PK
FBS _ Max
FB_ SD
PO
D
NL
TI
t
t
N(V
V )


(15)
Where TFBS-Max is the FB maximum sampling
time, and tFB_SD is the FB sampling duration.
Combine Equation (15) and the relationship of
RCP and DS-Max shown in Table 1 to fix the
maximum switching frequency.
PCB Layout Guidelines
Efficient PCB layout is critical for stable
operation, good EMI, and good thermal
performance. For best results, refer to Figure
16 and follow the guidelines below.
1. Minimize the loop area formed by the input
capacitor, the primary transformer winding,
the MOSFET drain source, and the sensing
resistor to reduce EMI noise.
2. Minimize the voltage jumping area, such as
the MOSFET drain, the anode of the
secondary diode, etc. for better EMI.
3. Minimize the clamp circuit loop to reduce
EMI.
4. Minimize the secondary loop area of the
output diode and output filter to reduce EMI
noise. Sufficient copper areas should be
provided at the cathode terminal of the
output diode to act as a heat sink.
5. Place the AC input away from the switching
nodes to minimize any noise coupling that
may bypass the input filter.
6. Place the bypass capacitor as close to the
IC as possible.
7. Place the feedback resistors next to FB and
minimize the feedback sampling loop to
minimize noise coupling.
8. Use a single-point connection at the
negative terminal of the input filter capacitor
for the IC GND and bias winding return.
Top Layer
Bottom Layer
Figure 16: Recommended Layout
Design Example
Table 3 is a design example following the
application guidelines.
Table 3: Design Example
VIN
85Vac~265Vac
47Hz/63Hz
VOUT
5V
IOUT
2.4A
fS
70kHz
Figure 17 shows the detailed application
schematic. For more device applications,
please refer to the related evaluation board
datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com