Electronic Components Datasheet Search
  English  ▼

X  

LTC5586 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC5586
Description  6GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5586 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC5586 Datasheet HTML 9Page - Linear Technology LTC5586 Datasheet HTML 10Page - Linear Technology LTC5586 Datasheet HTML 11Page - Linear Technology LTC5586 Datasheet HTML 12Page - Linear Technology LTC5586 Datasheet HTML 13Page - Linear Technology LTC5586 Datasheet HTML 14Page - Linear Technology LTC5586 Datasheet HTML 15Page - Linear Technology LTC5586 Datasheet HTML 16Page - Linear Technology LTC5586 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
LTC5586
13
5586fa
For more information www.linear.com/LTC5586
Typical perForMance characTerisTics
OIP3 Distribution
vs Temperature (TC)
OIP2 Distribution
vs Temperature (TC)
Conversion Gain Distribution
vs Temperature (TC)
Noise Figure Distribution
vs Temperature (TC)
Gain Error Distribution
vs Temperature (TC)
Phase Error Distribution
vs Temperature (TC)
Image Rejection Distribution
vs Temperature (TC)
Optimized Image Rejection
vs IF Frequency
VCC = VCCN = 5V, TC = 25°C, PLO = 6dBm, HSLO, RF
tone spacing = 4MHz, fIF = 30MHz, PIF = –1.5dBm per tone, and register defaults. DC Blocks, 50Ω terminations, and MACOM H9 180°
combiner at amplifier outputs de-embedded from measurement unless otherwise noted. Test circuit shown in Figure 1 with 500MHz
interstage filter.
30
32
34
36
38
40
42
100
80
60
40
20
0
OIP3 (dBm)
fRF = 2GHz
5586 G55
I, 105°C
I, 85°C
I, 25°C
I, –40°C
Q, 105°C
Q, 85°C
Q, 25°C
Q, –40°C
30
40
50
60
70
80
90
100
100
80
60
40
20
0
OIP2 (dBm)
fRF = 2GHz
I, 105°C
I, 85°C
I, 25°C
I, –40°C
Q, 105°C
Q, 85°C
Q, 25°C
Q, –40°C
5586 G56
5.0 5.5 6.0 6.5 7.0 7.5 8.0 8.5 9.0
100
80
60
40
20
0
GAIN (dB)
fRF = 2GHz
5586 G57
105°C
85°C
25°C
–40°C
10
12
14
16
18
20
22
24
100
80
60
40
20
0
NF (dB)
fRF = 2GHz
5586 G58
I, 105°C
I, 85°C
I, 25°C
I, –40°C
Q, 105°C
Q, 85°C
Q, 25°C
Q, –40°C
–0.20
–0.15
–0.10
–0.05
0
100
80
60
40
20
0
GAIN ERROR (dB)
fRF = 2GHz
5586 G59
105°C
85°C
25°C
–40°C
0
0.5
1.0
1.5
2.0
100
80
60
40
20
0
PHASE ERROR (dB)
fRF = 2GHz
5586 G60
105°C
85°C
25°C
–40°C
–50
–45
–40
–35
–30
100
80
60
40
20
0
–IMAGE REJECTION (dB)
fRF = 2GHz
5586 G61
105°C
85°C
25°C
–40°C
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
IF FREQUENCY (GHz)
HSLO, DEFAULT
LSLO, DEFAULT
HSLO, OPTIMIZED
LSLO, OPTIMIZED
OPTIMIZED AT fRF = 1750MHz
FIXED fLO = 1900MHz
WITHOUT INTERSTAGE FILTER
5586 G62
TC = 55°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com