Electronic Components Datasheet Search
  English  ▼

X  

LTC5586 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC5586
Description  6GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5586 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC5586 Datasheet HTML 16Page - Linear Technology LTC5586 Datasheet HTML 17Page - Linear Technology LTC5586 Datasheet HTML 18Page - Linear Technology LTC5586 Datasheet HTML 19Page - Linear Technology LTC5586 Datasheet HTML 20Page - Linear Technology LTC5586 Datasheet HTML 21Page - Linear Technology LTC5586 Datasheet HTML 22Page - Linear Technology LTC5586 Datasheet HTML 23Page - Linear Technology LTC5586 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
LTC5586
20
5586fa
For more information www.linear.com/LTC5586
applicaTions inForMaTion
Figure 5. RF Input Return Loss
0
1
2
3
4
5
6
7
8
5
0
–5
–10
–15
–20
–25
–30
–35
RF FREQUENCY (GHz)
RFA, RFA SELECTED
RFB, RFB SELECTED
RFA, RFB SELECTED
RFB, RFA SELECTED
5586 F05
C2 = 0.3pF
TC = 25°C
0
1
2
3
4
5
6
7
8
5
0
–5
–10
–15
–20
–25
–30
RF FREQUENCY (GHz)
RFA, RFA SELECTED
C2 = 4.7pF
TC = 25°C
5586 F06
Figure 6. RF Input Return Loss with C2 = 4.7pF
As shown in Figure 5, the RF input ports are well matched
with return loss greater than 10dB over the frequency
range of 500MHz to 6GHz with a 0.3pF capacitor on C2.
The RF pins can be externally matched over the 300MHz
to 500MHz frequency range by changing C2 to 4.7pF.
Figure 6 shows the RF input return loss with C2 set to
4.7pF. Table 2 shows the impedance and input reflec-
tion coefficient for the RF input with C2 = 0.3pF. The
input transmission line length is de-embedded from the
measurement.
Table 2. RF Input Impedance
FREQUENCY
(MHz)
INPUT IMPEDANCE (Ω)
S11
MAG
ANGLE (°)
300
24.9 + j27.6
0.468
112.0
400
39.1 + j37.3
0.403
83.5
500
60.1 + j36.9
0.330
56.2
700
77.4 – j1.9
0.215
–3.2
1000
43.7 – j19.2
0.211
–96.7
1500
27.2 – j2.1
0.297
–173.2
2000
29.6 + j14.5
0.310
134.4
2500
39.3 + j26.0
0.303
96.0
3000
48.9 + j23.1
0.228
79.9
3500
52.4 + j19.2
0.185
72.3
4000
60.5 + j8.2
0.120
33.8
4500
69.2 + j15.0
0.202
30.8
5000
82.4 + j11.5
0.259
14.6
5500
71.2 – j8.6
0.188
–18.0
6000
46.8 – j13.1
0.138
–96.1
LO Input Port
The demodulator’s LO input interface is shown in Figure 7.
The input consists of a programmable input match and a
high precision quadrature phase shifter which generates
0° and 90° phase shifted LO signals for the LO buffer
amplifiers to drive the I/Q mixers. DC blocking capacitors
are required on the LOP and LOM inputs. When using a
LTC5586
5586 F07
C5
0.3pF
C6
1000pF
C7
0.3pF
R1
49.9
C8
1000pF
LO
MATCH
ADJUST
0º
90º
GND
LOM
LO
INPUT
(MATCHED)
LOP
VCC
Figure 7. Simplified Schematic of the LO Inputs
with Single-Ended Drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com