Electronic Components Datasheet Search
  English  ▼

X  

LTC5586 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC5586
Description  6GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5586 Datasheet(HTML) 2 Page - Linear Technology

  LTC5586 Datasheet HTML 1Page - Linear Technology LTC5586 Datasheet HTML 2Page - Linear Technology LTC5586 Datasheet HTML 3Page - Linear Technology LTC5586 Datasheet HTML 4Page - Linear Technology LTC5586 Datasheet HTML 5Page - Linear Technology LTC5586 Datasheet HTML 6Page - Linear Technology LTC5586 Datasheet HTML 7Page - Linear Technology LTC5586 Datasheet HTML 8Page - Linear Technology LTC5586 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
LTC5586
2
5586fa
For more information www.linear.com/LTC5586
pin conFiguraTion
absoluTe MaxiMuM raTings
VCC, VCCN Supply Voltage (Note 21) ....... –0.3V to 5.5V
OVDD, SDO Voltage (Note 18)................... –0.3V to 3.8V
RFA, RFB DC Voltage ...................................1.5V to 2.0V
LOP, LOM DC Voltage ..................................2.1V to 2.8V
IFIM, IFIP, IFQP, IFQM DC Voltage............. –0.3V to 3.5V
AIM, AIP, AQM, AQP
DC Voltage........................... VCC – 1.7V to VCC – 1.2V
MIM, MIP, MQM, MQP
DC Voltage........................... VCC – 1.7V to VCC – 1.2V
Voltage on Any Other Pin.......................... –0.3V to 5.5V
LOP, LOM, RFA, RFB Input Power (Note 17) ......+20dBm
Output Short Circuit Duration (Notes 14, 17)... Indefinite
Maximum Junction Temperature (TJMAX)............. 150°C
Case Operating Temperature Range (TC)–40°C to 105°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
32 31 30 29 28 27
9 10 11
TOP VIEW
33
GND
UH PACKAGE
32-LEAD (5mm × 5mm) PLASTIC QFN
12 13 14
6
5
4
3
2
1
19
20
21
22
23
24
GND
RFA
TEMP
RFSW
VCCN
VCM
RFB
GND
OVDD
SCK
SDI
SDO
LOM
LOP
VCC
CSB
7
8
15 16
18
17
26 25
TJMAX = 150°C, θJC = 7.7°C/W
EXPOSED PAD (PIN 33) IS GND, MUST BE SOLDERED TO PCB
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC5586IUH#PBF
LTC5586IUH#TRPBF
5586
32-Lead (5mm x 5mm) Plastic QFN
–40°C to 105°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
http://www.linear.com/product/LTC5586#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com