Electronic Components Datasheet Search
  English  ▼

X  

LTC5586 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC5586
Description  6GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5586 Datasheet(HTML) 3 Page - Linear Technology

  LTC5586 Datasheet HTML 1Page - Linear Technology LTC5586 Datasheet HTML 2Page - Linear Technology LTC5586 Datasheet HTML 3Page - Linear Technology LTC5586 Datasheet HTML 4Page - Linear Technology LTC5586 Datasheet HTML 5Page - Linear Technology LTC5586 Datasheet HTML 6Page - Linear Technology LTC5586 Datasheet HTML 7Page - Linear Technology LTC5586 Datasheet HTML 8Page - Linear Technology LTC5586 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
LTC5586
3
5586fa
For more information www.linear.com/LTC5586
elecTrical characTerisTics
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fRF(RANGE)
RF Input Frequency Range
(Note 12)
0.3 to 6.0
GHz
fLO(RANGE)
LO Input Frequency Range
(Note 12)
0.3 to 6.0
GHz
RLRF
RF Input Return Loss
fRF = 300MHz to 500MHz (Note 5)
fRF = 500MHz to 6.0GHz
>10
>10
dB
dB
RLLO
LO Input Return Loss
fLO = 300MHz to 6.0GHz
>10
dB
PLO(RANGE)
LO Input Power Range
(Note 12)
–6 to 12
dBm
GP(MAX)
Maximum Power Conversion Gain
ATT = 0x00, AMPG = 0x06,
RLOAD = 100Ω Differential (Note 8)
fRF = 400MHz
fRF = 900MHz
fRF = 1900MHz
fRF = 2600MHz
fRF = 3500MHz
fRF = 5800MHz
7.4
9.2
7.7
7.1
4.3
0.7
dB
dB
dB
dB
dB
dB
GP(MIN)
Power Conversion Gain at Maximum
Attenuation. ATT = 0x1F, AMPG = 0x06,
RLOAD = 100Ω, Differential (Note 8)
fRF = 400MHz
fRF = 900MHz
fRF = 1900MHz
fRF = 2600MHz
fRF = 3500MHz
fRF = 5800MHz
–23.3
–21.3
–21.8
–23.5
–24.0
–23.9
dB
dB
dB
dB
dB
dB
Attenuation Step Size
1.0
dB
Attenuation Step Accuracy
0.2
dB
RFA, RFB Gain Error
0.05
dB
RFA, RFB Switching Time
100
ns
ABISO
RFA, RFB Isolation
fRF = 400MHz
fRF = 900MHz
fRF = 1900MHz
fRF = 2600MHz
fRF = 3500MHz
fRF = 5800MHz
49
48
40
42
38
25
dB
dB
dB
dB
dB
dB
NF
Noise Figure, Double Side Band (Note 4)
fRF = 400MHz
fRF = 900MHz
fRF = 1900MHz
fRF = 2600MHz
fRF = 3500MHz
fRF = 5800MHz
19.0
17.8
19.5
21.1
23.2
31.0
dB
dB
dB
dB
dB
dB
NFBLOCKING
Noise Figure Under Blocking Conditions
Double Side Band, PIF, BLOCKER = 1.5dBm
(Note 7)
fRF = 400MHz
fRF = 900MHz
fRF = 1900MHz
fRF = 2600MHz
fRF = 3500MHz
fRF = 5800MHz
19.7
18.9
20.8
22.5
24.8
30.2
dB
dB
dB
dB
dB
dB
OIP3
Output 3rd Order Intercept
Unadjusted/Adjusted
fRF = 400MHz
fRF = 900MHz
fRF = 1900MHz
fRF = 2600MHz
fRF = 3500MHz
fRF = 5800MHz
41/44
42/43
40/42
38/40
35/36
32/33
dBm
dBm
dBm
dBm
dBm
dBm
OIP2
Output 2nd Order Intercept
Unadjusted/Adjusted
fRF = 400MHz
fRF = 900MHz
fRF = 1900MHz
fRF = 2600MHz
fRF = 3500MHz
fRF = 5800MHz
75/80
75/80
74/80
65/80
60/70
49/56
dBm
dBm
dBm
dBm
dBm
dBm
TC = 25°C, VCC = VCCN = 5V, OVDD = CSB = RFSW = 3.3V, SDI = SCK = 0V,
VCM = 0.9V, PIF = 1.5dBm (–1.5dBm/tone for 2-tone tests), PLO = 6dBm, all registers at default values unless otherwise noted.
(Notes 2, 3, 6, 9, 19, 22)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com