Electronic Components Datasheet Search
  English  ▼

X  

LTC5586 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC5586
Description  6GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5586 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC5586 Datasheet HTML 18Page - Linear Technology LTC5586 Datasheet HTML 19Page - Linear Technology LTC5586 Datasheet HTML 20Page - Linear Technology LTC5586 Datasheet HTML 21Page - Linear Technology LTC5586 Datasheet HTML 22Page - Linear Technology LTC5586 Datasheet HTML 23Page - Linear Technology LTC5586 Datasheet HTML 24Page - Linear Technology LTC5586 Datasheet HTML 25Page - Linear Technology LTC5586 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
LTC5586
22
5586fa
For more information www.linear.com/LTC5586
applicaTions inForMaTion
Interstage Filter
An interstage IF filter should be used between the MIP
(MIM) and AIP (AIM) pins and the MQP (MQM) and AQP
(AQM) pins to suppress the large fRF + fLO and other mix-
ing products from the mixer outputs. Without the filter, the
linearity of the amplifier can be degraded for the desired
signal. Figure 11 shows a recommended lowpass filter.
Table 4 shows typical values used for a lowpass response
of various bandwidths.
Table 4. Component Values for Interstage Lowpass Filter
1dB BW (MHz)
L1, L2 (nH)
C9, C11 (pF)
C10, C12 (pF)
20
330
39
120
50
150
15
47
100
68
10
22
300
33
4.7
6.8
500
22
3.0
3.0
1000
8
0.5
1.0
It is important that the placement of C10 and C12 be
as close as possible to the amplifier inputs. Long line
lengths on the amplifier inputs can lead to instability. As
shown in Figure 12, a 50Ω common-mode termination
resistor can be used to better ensure stability with long
line lengths and/or higher order filtering. The placement
of C9 and C11 should be as close as possible to the mixer
outputs for effective filtering of the 2xLO, fRF + fLO, and
other mixing products.
By adjusting the values of the capacitors in the filter, it
is possible to add or remove frequency slope of the IF
1pF
2k
42mA
42mA
1.5nH
1.5nH
0.2pF
0.2pF
L2
100
0.6pF
50
100
50
50
0.6pF
50
L1
C11
C9
C12
C10
LTC5586
AC CURRENT
SOURCE
PACKAGE
PARASITICS
1.5nH
1.5nH
0.2pF
0.2pF
PACKAGE
PARASITICS
VCC
GND
MIP
MIM
AIM
AIP
5586 F11
1pF
VCC
Figure 11. Simplified Schematic of the Mixer Output and IF Amplifier Input with Interstage Filter
Figure 12. Interstage IF Filter with Common-Mode Termination
L2
L1
C11
C9
C12
C10
50
MIP
MIM
AIM
AIP
5586 F12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com