Electronic Components Datasheet Search
  English  ▼

X  

LTC2313 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2313
Description  12-Bit/14-Bit, 5Msps/4.5Msps/ 2.5Msps/500ksps/Serial, High Speed SAR ADCs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2313 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2313 Datasheet HTML 3Page - Linear Technology LTC2313 Datasheet HTML 4Page - Linear Technology LTC2313 Datasheet HTML 5Page - Linear Technology LTC2313 Datasheet HTML 6Page - Linear Technology LTC2313 Datasheet HTML 7Page - Linear Technology LTC2313 Datasheet HTML 8Page - Linear Technology LTC2313 Datasheet HTML 9Page - Linear Technology LTC2313 Datasheet HTML 10Page - Linear Technology LTC2313 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
dc1563af
DEMO MANUAL DC1563A
PARTS LIST
ITEM
QTY
REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
DC1563A General BOM
1
9
C1, C2-C5, C13-C16
CAP., X5R, 0.1µF, 16V, 10%
AVX, 0603YD104KAT
2
3
C6, C9, C12
CAP., X5R, 4.7µF 6.3V, 20%, 0603
TAIYO YUDEN, JMK107BJ475MA-T
3
0
C7, C10, C11, C18
CAP., 0603
OPT
4
4
C8, C24, C26, C29
CAP., X5R, 10µF 6.3V, 20%, 0603
TDK, C1608X5R0J106MT
5
4
C17, C22, C25, C28
CAP., X7R, 1µF 16V, 10%, 0603
TDK, C1608X7R1C105K
6
1
C19
CAP., COG 47pF 50V 5%, 0603
MURATA, GRM1885C1H470JA01D
7
1
C21
CAP., X5R, 47µF 16V, 20%, 1210
TAIYO YUDEN, EMK325BJ476MM-T
8
3
C23, C27, C30
CAP., COG, 0.01µF, 25V, 10%, 0603
KEMET, C0603C103K3GACTU
9
8
C31-C38
CAP., X7R, 0.1µF, 16V, 10%
TDK, C1005X7R1C104KT
10
2
E1, E4
TP, TURRET, 0.094"
MILL-MAX, 2501-2-00-80-00-00-07-0
11
3
E2, E3, E5
TP, TURRET, 0.064"
MILL-MAX, 2308-2-00-80-00-00-07-0
12
2
J1, J4
CONN., BNC-5PINS
CONNEX, 112404
13
1
J2
HEADER, 2X20, 0.100", HD2X20-100
SAMTEC, TSW-120-07-L-D
14
1
J3
HEADER, 2X7, 0.079"
MOLEX, 87831-1420
15
1
J5
HEADER, 2X5, 0.100", HD2X5-100
SAMTEC, TSW-105-07-L-D
16
4
JP1, JP2, JP3, JP4
JMP., 1X3, 0.100", HD1X3-100
SAMTEC, TSW-103-07-L-S
17
4
R1, R3, R4, R16
RES., CHIP 33Ω, 1%, 0603
NIC, NRC06F33R0TRF
18
8
R2, R6, R9, R13, R18, R24, R27, R30 RES., CHIP 1k, 1%, 0603
NIC, NRC06F1001TRF
19
2
R5, R15
RES., CHIP 49.9Ω, 1%, 1206
NIC, NRC12F49R9TRF
20
3
R10, R11, R12
RES., CHIP 4.99k, 1%, 0603
NIC, NRC06F4991TRF
21
1
R14
RES., CHIP 0Ω, 1%, 0603
NIC, NRC06F0000TRF
22
1
R15
RES., CHIP 49.9Ω, 1%, 0603
NIC, NRC06F49R9TRF
23
1
R17
RES., CHIP 2k, 1%, 0603
NIC, NRC06F2001TRF
24
1
R19
RES., CHIP 10k, 1%, 0402
NIC, NRC04F1002TRF
25
3
R20, R22, R23
RES., CHIP 1k, 1%, 0402
NIC, NRC04F1001TRF
26
1
R21
RES., CHIP 10k, 1%, 0603
NIC, NRC06F1002TRF
27
1
R25
RES., CHIP 2.80K, 1%, 0603
NIC, NRC06F2801TRF
28
1
R26
RES., CHIP 1.74k, 1%, 0603
NIC, NRC06F1741TRF
29
1
R28
RES., CHIP 4.02k, 1%, 0603
NIC, NRC06F4021TRF
30
1
R29
RES., CHIP 3.16k, 1%, 0603
NIC, NRC06F3161TRF
31
0
R31
RES., 0402
OPT
32
2
U2, U4
IC, TINYLOGIC ULP-A UNBUFFERED
INVERTER, SC70-5
FAIRCHILD, NC7SVU04P5X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com