Electronic Components Datasheet Search
  English  ▼

X  

LTC2313 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2313
Description  12-Bit/14-Bit, 5Msps/4.5Msps/ 2.5Msps/500ksps/Serial, High Speed SAR ADCs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2313 Datasheet(HTML) 1 Page - Linear Technology

  LTC2313 Datasheet HTML 1Page - Linear Technology LTC2313 Datasheet HTML 2Page - Linear Technology LTC2313 Datasheet HTML 3Page - Linear Technology LTC2313 Datasheet HTML 4Page - Linear Technology LTC2313 Datasheet HTML 5Page - Linear Technology LTC2313 Datasheet HTML 6Page - Linear Technology LTC2313 Datasheet HTML 7Page - Linear Technology LTC2313 Datasheet HTML 8Page - Linear Technology LTC2313 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
dc1563af
DEMO MANUAL DC1563A
DESCRIPTION
LTC2315/LTC2314/LTC2313/LTC2312/
12-Bit/14-Bit, 5Msps/4.5Msps/
2.5Msps/500ksps/Serial,
High Speed SAR ADCs
Demonstration circuit 1563A features the LTC®2315
family. With sample rates up to 5Msps these unipolar,
single channel, 12-/14-Bit, serial, high speed successive
approximation register (SAR) ADCs are available in an
8-lead TSOT package. The LTC2315 family has an internal
20ppm reference and an SPI-compatible serial interface
that supports 1.8V, 2.5V, 3V and 5V logic. The following
text refers to the LTC2315 but applies to all members of
the family, the only difference being the sample rate and
the number of bits. The DC1563A demonstrates the DC
and AC performance of the LTC2315 in conjunction with
the DC590 QuikEval™ and the DC718 PScope™ data
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
QuikEval, PScope are trademarks of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
collection boards. Use the DC590 to demonstrate DC
performance such as peak-to-peak noise and DC linearity.
Use the DC718 if precise sampling rates are required or to
demonstrate AC performance such as SNR, THD, SINAD
and SFDR. Alternatively, by connecting the DC1563A into
a customer application the performance of the LTC2315
can be evaluated directly in that circuit.
Design files for this circuit board are available at
http://www.linear.com/demo
Figure 1. DC1563A Connection Diagram


Similar Part No. - LTC2313

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2313-12 LINER-LTC2313-12 Datasheet
513Kb / 22P
12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2313-12 LINER-LTC2313-12_15 Datasheet
1Mb / 22P
12-Bit, 2.5Msps Serial Sampling ADC in TSOT
LTC2313-14 LINER-LTC2313-14 Datasheet
626Kb / 22P
14-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2313-14 LINER-LTC2313-14_15 Datasheet
1Mb / 22P
14-Bit, 2.5Msps Serial Sampling ADC in TSOT
More results

Similar Description - LTC2313

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11661 MAXIM-MAX11661 Datasheet
1Mb / 28P
500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
MAX11661_1111 MAXIM-MAX11661_1111 Datasheet
2Mb / 28P
500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 3; 11/11
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11661_1204 MAXIM-MAX11661_1204 Datasheet
2Mb / 28P
500ksps, Low-Power,Serial 12-/10-/8-Bit ADCs
Rev 5; 4/12
logo
Intersil Corporation
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
12-Bit, 1MSPS SAR ADCs
logo
Linear Technology
LTC2387 LINER-LTC2387 Datasheet
665Kb / 8P
18-/16-Bit, 15Msps/10Msps/5Msps, High Speed SAR ADCs
LTC2323 LINER-LTC2323 Datasheet
495Kb / 10P
Dual 16-Bit/14-Bit/12-Bit, 5Msps/2Msps, Serial, High Speed SAR ADCs
LTC2311 LINER-LTC2311 Datasheet
524Kb / 10P
Single 16-Bit/14-Bit/12-Bit, 5Msps/2Msps, Serial, High Speed SAR ADCs
LTC2325 LINER-LTC2325 Datasheet
551Kb / 8P
Quad/Octal 16-Bit/14-Bit/12-Bit, 5Msps/2Msps/1.5Msps, Serial, High Speed SAR ADCs
logo
Renesas Technology Corp
ISL267450 RENESAS-ISL267450 Datasheet
1Mb / 19P
12-Bit, 1MSPS SAR ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com