Electronic Components Datasheet Search
  English  ▼

X  

LTC2313 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2313
Description  12-Bit/14-Bit, 5Msps/4.5Msps/ 2.5Msps/500ksps/Serial, High Speed SAR ADCs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2313 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2313 Datasheet HTML 4Page - Linear Technology LTC2313 Datasheet HTML 5Page - Linear Technology LTC2313 Datasheet HTML 6Page - Linear Technology LTC2313 Datasheet HTML 7Page - Linear Technology LTC2313 Datasheet HTML 8Page - Linear Technology LTC2313 Datasheet HTML 9Page - Linear Technology LTC2313 Datasheet HTML 10Page - Linear Technology LTC2313 Datasheet HTML 11Page - Linear Technology LTC2313 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
dc1563af
DEMO MANUAL DC1563A
ITEM
QTY
REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
33
1
U3
IC, SINGLE D FLIP FLOP, US8
ON SEMI., NL17SZ74
34
1
U5
IC., LT1790ACS6-2.048, SOT23-6
LINEAR TECH., LT1790ACS6-2.048
35
1
U6
IC, SINGLE SPST BUS SWITCH, SC70-5
FAIRCHILD, NC7SZ66P5X
36
1
U7
IC, SERIAL EEPROM, TSSOP
MICROCHIP, 24LC025-I/ST
37
2
U8, U9
IC, TINYLOGIC UHS INVERTER, SC70-5
FAIRCHILD, NC7SZ04P5X
38
1
U11
IC, MAX II FAMILY, TQFP100
ALTERA, EPM240GT100C5N
39
1
U12
IC., LT1763CS8-1.8, SO8
LINEAR TECH., LT1763CS8-1.8
40
2
U13, U14
IC., LT1763CS8, SO8
LINEAR TECH., LT1763CS8
41
4
STAND-OFF AT 4 CORNERS
STAND-OFF, NYLON (SNAP ON), 0.25" TALL KEYSTONE, 8831(SNAP ON)
42
3
SHUNTS ON JP1-JP3 AS ON ASSY
DWG
SHUNT, 0.100" CENTER
SAMTEC, SNT-100-BK-G
43
1
STENCIL
STENCIL TOP SIDE ONLY
DC1563A
DC1563A-A
1
1
DC1563A
GENERAL BOM
2
0
R7
RES., 0603
OPT
3
1
R8
RES., CHIP, 33Ω, 1%, 0603
NIC, NRC06F33R0TRF
4
0
R31
RES., 0402
OPT
5
1
U1
IC, LTC2315CTS8-12, TSOT23-8
LINEAR TECH., LTC2315CTS8-12
DC1563A-B
1
1
DC1563A
GENERAL BOM
2
1
R7
RES., CHIP, 33Ω, 1%, 0603
NIC, NRC06F33R0TRF
3
0
R8
RES., 0603
OPT
4
0
R31
RES., 0402
OPT
5
1
U1
IC, LTC2313CTS8-12, TSOT23-8
LINEAR TECH., LTC2313CTS8-12
PARTS LIST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com