Electronic Components Datasheet Search
  English  ▼

X  

LTC2313 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2313
Description  12-Bit/14-Bit, 5Msps/4.5Msps/ 2.5Msps/500ksps/Serial, High Speed SAR ADCs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2313 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2313 Datasheet HTML 4Page - Linear Technology LTC2313 Datasheet HTML 5Page - Linear Technology LTC2313 Datasheet HTML 6Page - Linear Technology LTC2313 Datasheet HTML 7Page - Linear Technology LTC2313 Datasheet HTML 8Page - Linear Technology LTC2313 Datasheet HTML 9Page - Linear Technology LTC2313 Datasheet HTML 10Page - Linear Technology LTC2313 Datasheet HTML 11Page - Linear Technology LTC2313 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
dc1563af
DEMO MANUAL DC1563A
ITEM
QTY
REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
DC1563A-C
1
1
DC1563A
GENERAL BOM
2
1
R7
RES., CHIP, 33Ω, 1%, 0603
NIC, NRC06F33R0TRF
3
0
R8
RES., 0603
OPT
4
0
R31
RES., 0402
OPT
5
1
U1
IC, LTC2312CTS8-12, TSOT23-8
LINEAR TECH., LTC2312CTS8-12
DC1563A-F
1
1
DC1563A
GENERAL BOM
2
0
R7
RES., 0603
OPT
3
1
R8
RES., CHIP, 33Ω, 1%, 0603
NIC, NRC06F33R0TRF
4
1
R31
RES., CHIP, 300, 1%, 0402
NIC, NRC04F300RTRF
5
1
U1
IC, LTC2314CTS8-14, TSOT23-8
LINEAR TECH., LTC2314CTS8-14
DC1563A-G
1
1
DC1563A
GENERAL BOM
2
1
R7
RES., CHIP, 33Ω, 1%, 0603
NIC, NRC06F33R0TRF
3
0
R8
RES., 0603
OPT
4
1
R31
RES., CHIP, 300, 1%, 0402
NIC, NRC04F300RTRF
5
1
U1
IC, LTC2313CTS8-14, TSOT23-8
LINEAR TECH., LTC2313CTS8-14
DC1563A-H
1
1
DC1563A
GENERAL BOM
2
1
R7
RES., CHIP, 33Ω, 1%, 0603
NIC, NRC06F33R0TRF
3
0
R8
RES., 0603
OPT
4
1
R31
RES., CHIP, 300, 1%, 0402
NIC, NRC04F300RTRF
5
1
U1
IC, LTC2312CTS8-14, TSOT23-8
LINEAR TECH., LTC2312CTS8-14
PARTS LIST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com