Electronic Components Datasheet Search
  English  ▼

X  

MP5022C Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP5022C
Description  12V, 3mohm RDS(ON), Hot-Swap Protection Device with Current Monitoring
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5022C Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP5022C Datasheet HTML 1Page - Monolithic Power Systems MP5022C Datasheet HTML 2Page - Monolithic Power Systems MP5022C Datasheet HTML 3Page - Monolithic Power Systems MP5022C Datasheet HTML 4Page - Monolithic Power Systems MP5022C Datasheet HTML 5Page - Monolithic Power Systems MP5022C Datasheet HTML 6Page - Monolithic Power Systems MP5022C Datasheet HTML 7Page - Monolithic Power Systems MP5022C Datasheet HTML 8Page - Monolithic Power Systems MP5022C Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
MP5022C – 12V, 3
m
Ω RDS
(
ON), HOT-SWAP PROTECTION DEVICE
MP5022C Rev. 1.0
www.MonolithicPower.com
3
5/26/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP5022CGQV
QFN-22 (3mmx5mm)
See Below
* For Tape & Reel, add suffix –Z (e.g. MP5022CGQV–Z)
TOP MARKING
MP: MPS prefix
Y: Year code
W: Week code
5022C: First five digits of the part number
LLL: Lot number
PACKAGE REFERENCE
TOP VIEW
EN
LOADEN
ENTM
TIMER
ISET
SS
GND
IMON
PG
1
2
3
4
5
6
7
8
12
20
19
18
17
16
15
14
VOUT
VOUT
VOUT
VOUT
VOUT
VOUT
VOUT
FLTB 9
13
AVIN
10
11
OV
VOUT
VIN
VIN
21
22
VIN
VIN
VIN
VIN
VIN
QFN-22 (3mmx5mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com